Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 42 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 38Page - Texas Instruments AFE5808A Datasheet HTML 39Page - Texas Instruments AFE5808A Datasheet HTML 40Page - Texas Instruments AFE5808A Datasheet HTML 41Page - Texas Instruments AFE5808A Datasheet HTML 42Page - Texas Instruments AFE5808A Datasheet HTML 43Page - Texas Instruments AFE5808A Datasheet HTML 44Page - Texas Instruments AFE5808A Datasheet HTML 45Page - Texas Instruments AFE5808A Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
10
2
20log
p
1
T
16
1
T
16
2
16
p
[
]
[
]
( ) ( )
0
d
0
d
0
0
0
0
d
n
1
Vi(t)
sin
t
t
sin
t
22.5
t
16
4
1
4
LO(t)
sin
t
sin
t
22.5
16
2
Vo(t)
cos
t
t
é
ù
æ
ö
=
w
+
+ w
=
w +
° + w
ê
ú
ç
÷
ê
ú
è
ø
ë
û
é
ù
æ
ö
=
w
+
=
w +
°
ê
ú
ç
÷
p
p
ê
ú
è
ø
ë
û
=
w
+
w
p
f
f
f
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
From the above equations, the 3rd and 5th order harmonics from the LO can interface with the 3rd and 5th order
harmonic signals in the Vi(t); or the noise around the 3rd and 5th order harmonics in the Vi(t). Therefore, the
mixer’s performance is degraded. In order to eliminate this side effect due to the square-wave demodulation, a
proprietary harmonic suppression circuit is implemented in the AFE5808A. The 3rd and 5th harmonic
components from the LO can be suppressed by over 12 dB. Thus the LNA output noise around the 3rd and 5th
order harmonic bands will not be down-converted to base band. Hence, better noise figure is achieved. The
conversion loss of the mixer is about -4 dB which is derived from
The mixed current outputs of the 8 channels are summed together internally. An internal low noise operational
amplifier is used to convert the summed current to a voltage output. The internal summing amplifier is designed
to accomplish low power consumption, low noise, and ease of use. CW outputs from multiple AFE5808As can be
further combined on system board to implement a CW beamformer with more than 8 channels. More detail
information can be found in the application information section.
Multiple clock options are supported in the AFE5808A CW path. Two CW clock inputs are required: N׃cw clock
and 1 × ƒcw clock, where ƒcw is the CW transmitting frequency and N could be 16, 8, 4, or 1. Users have the
flexibility to select the most convenient system clock solution for the AFE5808A. In the 16 × ƒcw and 8×fcw
modes, the 3rd and 5th harmonic suppression feature can be supported. Thus the 16 × ƒcw and 8 × ƒcw modes
achieves better performance than the 4 × ƒcw and 1 × ƒcw modes
16 × ƒcw Mode
The 16 × ƒcw mode achieves the best phase accuracy compared to other modes. It is the default mode for CW
operation. In this mode, 16 × ƒcw and 1 × ƒcw clocks are required. 16×fcw generates LO signals with 16 accurate
phases. Multiple AFE5808As can be synchronized by the 1 × ƒcw , i.e. LO signals in multiple AFEs can have the
same starting phase. The phase noise spec is critical only for 16X clock. 1X clock is for synchronization only and
doesn’t require low phase noise. See the phase noise requirement in the section of application information.
The top level clock distribution diagram is shown in the below Figure 72. Each mixer's clock is distributed through
a 16 × 8 cross-point switch. The inputs of the cross-point switch are 16 different phases of the 1x clock. It is
recommended to align the rising edges of the 1 x ƒcw and 16 x ƒcw clocks.
The cross-point switch distributes the clocks with appropriate phase delay to each mixer. For example, Vi(t) is a
received signal with a delay of
, a delayed LO(t) should be applied to the mixer in order to compensate for
the
delay. Thus a 22.5
⁰ delayed clock, i.e.
, is selected for this channel. The mathematic calculation is
expressed in the following equations:
(3)
Vo(t) represents the demodulated Doppler signal of each channel. When the doppler signals from N channels are
summed, the signal to noise ratio improves.
42
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com