Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 54 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 50Page - Texas Instruments AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments AFE5808A Datasheet HTML 54Page - Texas Instruments AFE5808A Datasheet HTML 55Page - Texas Instruments AFE5808A Datasheet HTML 56Page - Texas Instruments AFE5808A Datasheet HTML 57Page - Texas Instruments AFE5808A Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
S0501-01
I/VSum
Amp
CW_AMPINP
CW_OUTM
CW_AMPINM
CW_OUTP
C
EXT
C
EXT
R
EXT
R
EXT
R
INT
R
INT
2000Ω
2000Ω
1000Ω
1000Ω
500Ω
500Ω
250Ω
250Ω
250Ω
250Ω
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
Figure 87. CW Summing Amplifier Block Diagram
Multiple AFE5808As are usually utilized in parallel to expand CW beamformer channel count. These AFE5808As’
CW outputs can be summed and filtered externally further to achieve desired gain and filter response. AC
coupling capacitors CAC are required to block DC component of the CW carrier signal. CAC can vary from 1 µF to
10s
μF depending on the desired low frequency Doppler signal from slow blood flow. Multiple AFE5808As’ I/Q
outputs can be summed together with a low noise external differential amplifiers before 16/18-bit differential
audio ADCs. TI’s ultralow noise differential precision amplifier OPA1632 and THS4130 are suitable devices.
54
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com