Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 51 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 47Page - Texas Instruments AFE5808A Datasheet HTML 48Page - Texas Instruments AFE5808A Datasheet HTML 49Page - Texas Instruments AFE5808A Datasheet HTML 50Page - Texas Instruments AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments AFE5808A Datasheet HTML 54Page - Texas Instruments AFE5808A Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
W0004-01
(a) Single-Ended Input at V
CNTLP
(b) Differential Inputs at V
and V
CNTLP
CNTLM
TGC Gain
V
= 0V
CNTLM
V
CNTLP
1.5V
XdB
X+40dB
TGC Gain
0V
V
CNTLM
V
CNTLP
XdB
X+40dB
1.5V
0.75V
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
LNA Gain Switch Response
The LNA gain is programmable through SPI. The gain switching time depends on the SPI speed as well as the
LNA gain response time. During the switching, glitches might occur and they can appear as artifacts in images.
LNA gain switching in a single imaging line may not be preferred, although digital signal processing might be
used here for glitch suppression.
VOLTAGE-CONTROLLED-ATTENUATOR
The attenuator in the AFE5808A is controlled by a pair of differential control inputs, the VCNTLM/P pins. The
differential control voltage spans from 0 V to 1.5 V. This control voltage varies the attenuation of the attenuator
based on its linear-in-dB characteristic. Its maximum attenuation (minimum channel gain) appears at VCNTLP -
VCNTLM= 1.5 V, and minimum attenuation (maximum channel gain) occurs at VCNTLP-VCNTLM = 0. The typical gain
range is 40 dB and remains constant, independent of the PGA setting.
When only single-ended VCNTL signal is available, this 1.5Vpp signal can be applied on the VCNTLP pin with the
VCNTLM pin connected to ground. As shown in Figure 86, TGC gain curve is inversely proportional to the VCNTLP-
VCNTLM.
Figure 86. VCNTLP and VCNTLM Configurations
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
51
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com