Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 10 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 6Page - Texas Instruments AFE5808A Datasheet HTML 7Page - Texas Instruments AFE5808A Datasheet HTML 8Page - Texas Instruments AFE5808A Datasheet HTML 9Page - Texas Instruments AFE5808A Datasheet HTML 10Page - Texas Instruments AFE5808A Datasheet HTML 11Page - Texas Instruments AFE5808A Datasheet HTML 12Page - Texas Instruments AFE5808A Datasheet HTML 13Page - Texas Instruments AFE5808A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
AVDD_5 V = 5 V, AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V, AC-coupled with 0.1 µF at INP and bypassed to
ground with 15 nF at INM, No active termination, VCNTL = 0 V, fIN = 5 MHz, LNA = 18 dB, PGA = 24 dB, 14Bit, sample
rate = 65 MSPS, LPF Filter = 15 MHz, low noise mode, VOUT = –1 dBFS, internal 500 Ω CW feedback resistor, CMOS CW
clocks, ADC configured in internal reference mode, single-ended VCNTL mode, VCNTLM = GND, at ambient temperature
TA = 25°C, unless otherwise noted. Min and max values are specified across full-temperature range with AVDD_5 V = 5 V,
AVDD = 3.3 V, AVDD_ADC = 1.8 V, DVDD = 1.8 V
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
ADC Power dissipation/CH
65 MSPS
59
69
mW/CH
50 MSPS
51
40 MSPS
46
20 MSPS
35
Power dissipation in power down mode
PDN_VCA = High, PDN_ADC = High
25
mW/CH
Complete power-down PDN_Global=High
0.6
Power-down response time
Time taken to enter power down
1
µs
Power-up response time
VCA power down
2µs+1% of PDN
time
µs
ADC power down
1
Complete power down
2.5
ms
fin = 5 MHz, at 50 mVpp noise at 1 KHz on supply
(3)
–65
dBc
Power supply modulation ratio, AVDD and
AVDD_5V
fin = 5 MHz, at 50 mVpp noise at 50 KHz on supply
(3)
–65
dBc
Power supply rejection ratio
f = 10 kHz,VCNTL = 0 V (high gain), AVDD
–40
dBc
f = 10 kHz,VCNTL = 0 V(high gain), AVDD_5V
–55
dBc
f = 10 kHz,VCNTL = 1 V (low gain), AVDD
–50
dBc
(3)
PSMR specification is with respect to input signal amplitude.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com