Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 14Page - Texas Instruments AFE5808A Datasheet HTML 15Page - Texas Instruments AFE5808A Datasheet HTML 16Page - Texas Instruments AFE5808A Datasheet HTML 17Page - Texas Instruments AFE5808A Datasheet HTML 18Page - Texas Instruments AFE5808A Datasheet HTML 19Page - Texas Instruments AFE5808A Datasheet HTML 20Page - Texas Instruments AFE5808A Datasheet HTML 21Page - Texas Instruments AFE5808A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
1
2
3
4
50
100
150
200
250
300
350
400
Source Impedence (
Ω)
Low noise
Low power
Medium power
−80.0
−75.0
−70.0
−65.0
−60.0
−55.0
−50.0
1
2
3
4
5
6
7
8
9
10
Frequency (MHz)
Low noise
Low power
Medium power
−75
−70
−65
−60
−55
−50
−45
1
2
3
4
5
6
7
8
9
10
Frequency (MHz)
Low noise
Low power
Medium power
−90
−85
−80
−75
−70
−65
−60
−55
−50
−45
−40
6
12
18
24
30
36
Gain (dB)
Low noise
Low power
Medium power
−90
−80
−70
−60
−50
−40
6
12
18
24
30
36
Gain (dB)
Low noise
Low power
Medium power
−90
−80
−70
−60
−50
−40
12
18
24
30
36
42
Gain (dB)
Low noise
Low power
Medium power
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 36. Noise Figure vs. Power Modes without
Figure 37. HD2 vs. Frequency, Vin = 500 mVPP and VOUT =
Termination
-1 dBFS
Figure 38. HD3 vs. Frequency, Vin = 500 mVpp and VOUT =
Figure 39. HD2 vs. Gain, LNA = 12 dB and PGA = 24 dB
-1 dBFS
and VOUT = -1 dBFS
Figure 40. HD3 vs. Gain, LNA = 12 dB and PGA = 24 dB
Figure 41. HD2 vs. Gain, LNA = 18 dB and PGA = 24 dB
and VOUT = -1 dBFS
and VOUT = -1 dBFS
18
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com