Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 28Page - Texas Instruments AFE5808A Datasheet HTML 29Page - Texas Instruments AFE5808A Datasheet HTML 30Page - Texas Instruments AFE5808A Datasheet HTML 31Page - Texas Instruments AFE5808A Datasheet HTML 32Page - Texas Instruments AFE5808A Datasheet HTML 33Page - Texas Instruments AFE5808A Datasheet HTML 34Page - Texas Instruments AFE5808A Datasheet HTML 35Page - Texas Instruments AFE5808A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
VCA Register Map
Table 4. VCA Register Map
ADDRESS
ADDRESS
Default
FUNCTION
DESCRIPTION
(DEC)
(HEX)
Value
51[0]
0x33[0]
0
RESERVED
0
51[3:1]
0x33[3:1]
0
LPF_PROGRAMMABILITY
000: 15MHz,
010: 20MHz,
011: 30MHz,
100: 10MHz
51[4]
0x33[4]
0
PGA_INTEGRATOR_DISABLE
0: Enable
(PGA_HPF_DISABLE)
1: Disables offset integrator for PGA. See explanation for the PGA
integrator function in APPLICATION INFORMATION section
51[6:5]
0x33[6:5]
0
PGA_CURRENT_CLAMP_LEVEL
00: –2dBFS;
10: 0dBFS;
01:–4dBFS when 51[7]=0
Note: the current clamp circuit makes sure that PGA output is in linear
range. For example, at 00 setting, PGA output HD3 will be worsen by
3dB at –2dBFS ADC input. In normal operation, the current clamp
function can be set as 00
51[7]
0x33[7]
0
PGA_CURRENT_CLAMP_DISABLE
0:Enables the PGA current clamp circuit;
1:Disables the PGA current clamp circuit before the PGA outputs.
51[6:5] determines the current clamp level
51[13]
0x33[13]
0
PGA_GAIN_CONTROL
0:24dB;
1:30dB.
52[4:0]
0x34[4:0]
0
ACTIVE_TERMINATION_
See Table 6 Reg 52[5] should be set as '1' to access these bits
INDIVIDUAL_RESISTOR_CNTL
52[5]
0x34[5]
0
ACTIVE_TERMINATION_
0: Disables;
INDIVIDUAL_RESISTOR_ENABLE
1: Enables internal active termination individual resistor control
52[7:6]
0x34[7:6]
0
PRESET_ACTIVE_ TERMINATIONS
00: 50ohm,
01: 100ohm,
10: 200ohm,
11: 400ohm.
(Note: the device will adjust resistor mapping (52[4:0]) automatically.
50ohm active termination is NOT supported in 12dB LNA setting.
Instead, '00' represents high impedance mode when LNA gain is 12dB)
52[8]
0x34[8]
0
ACTIVE TERMINATION ENABLE
0: Disables;
1: Enables active termination
52[10:9]
0x34[10:9]
0
LNA_INPUT_CLAMP_SETTING
00: Auto setting,
01: 1.5Vpp,
10: 1.15Vpp and
11: 0.6Vpp
52[11]
0x34[11]
0
RESERVED
Set to 0
52[12]
0x34[12]
0
LNA_INTEGRATOR_DISABLE
0: Enables;
(LNA_HPF_DISABLE)
1: Disables offset integrator for LNA. See the explanation for this
function in the following section
52[14:13]
0x34[14:13]
0
LNA_GAIN
00: 18dB;
01: 24dB;
10: 12dB;
11: Reserved
52[15]
0x34[15]
0
LNA_INDIVIDUAL_CH_CNTL
0: Disable;
1: Enable LNA individual channel control. See Register 57 for details
53[7:0]
0x35[7:0]
0
PDN_CH<7:0>
0: Normal operation;
1: Powers down corresponding channels. Bit7
→CH8,
Bit6
→CH7…Bit0→CH1. PDN_CH will shut down whichever blocks are
active depending on TGC mode or CW mode
53[8]
0x35[8]
0
RESERVED
Set to 0
53[9]
0x35[9]
0
RESERVED
Set to 0
53[10]
0x35[10]
0
LOW_POWER
0: Low noise mode;
1: Sets to low power mode (53[11]=0). At 30dB PGA, total chain gain
may slightly change.
See typical characteristics
32
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com