Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 52 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 48Page - Texas Instruments AFE5808A Datasheet HTML 49Page - Texas Instruments AFE5808A Datasheet HTML 50Page - Texas Instruments AFE5808A Datasheet HTML 51Page - Texas Instruments AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments AFE5808A Datasheet HTML 54Page - Texas Instruments AFE5808A Datasheet HTML 55Page - Texas Instruments AFE5808A Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
As discussed in the theory of operation, the attenuator architecture uses seven attenuator segments that are
equally spaced in order to approximate the linear-in-dB gain-control slope. This approximation results in a
monotonic slope; the gain ripple is typically less than ±0.5dB.
The control voltage input (VCNTLM/P pins) represents a high-impedance input. The VCNTLM/P pins of multiple
AFE5808A devices can be connected in parallel with no significant loading effects. When the voltage level
(VCNTLP-VCNTLM) is above 1.5V or below 0V, the attenuator continues to operate at its maximum attenuation level
or minimum attenuation level respectively. It is recommended to limit the voltage from -0.3V to 2V.
When the AFE5808A operates in CW mode, the attenuator stage remains connected to the LNA outputs.
Therefore, it is recommended to power down the VCA using the PDN_VCA register bit. In this case, VCNTLP-
VCNTLM voltage does not matter.
The AFE5808A gain-control input has a –3dB bandwidth of approximately 800KHz. This wide bandwidth,
although useful in many applications (e.g. fast VCNTL response), can also allow high-frequency noise to modulate
the gain control input and finally affect the Doppler performance. In practice, this modulation can easily be
avoided by additional external filtering (RVCNTL and CVCNTL) at VCNTLM/P pins as Figure 81 shows. However, the
external filter's cutoff frequency cannot be kept too low as this results in low gain response time. Without external
filtering, the gain control response time is typically less than 1
μs to settle within 10% of the final signal level of
1VPP (–6dBFS) output as indicated in Figure 51 and Figure 52.
Typical VCNTLM/P signals are generated by an 8bit to 12bit 10MSPS digital to analog converter (DAC) and a
differential operation amplifier. TI’s DACs, such as TLV5626 and DAC7821/11 (10MSPS/12bit), could be used to
generate TGC control waveforms. Differential amplifiers with output common mode voltage control (e.g.
THS4130 and OPA1632) can connect the DAC to the VCNTLM/P pins. The buffer amplifier can also be configured
as an active filter to suppress low frequency noise. More information can be found in the literatures SLOS318F
and SBAA150. The VCNTL vs Gain curves can be found in Figure 2. The below table also shows the absolute
gain vs. VCNTL, which may help program DAC correspondingly.
In PW Doppler and color Doppler modes, VCNTL noise should be minimized to achieve the best close-in phase
noise and SNR. Digital VCNTL feature is implemented to address this need in the AFE5808A. In the digital VCNTL
mode, no external VCNTL is needed.
Table 12. VCNTLP–VCNTLM vs Gain Under Different LNA and PGA Gain Settings (Low Noise Mode)
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
Gain (dB)
VCNTLP–VCNTLM
LNA = 12 dB
LNA = 18 dB
LNA = 24 dB
LNA = 12 dB
LNA = 18 dB
LNA = 24 dB
(V)
PGA = 24 dB
PGA = 24 dB
PGA = 24 dB
PGA = 30 dB
PGA = 30 dB
PGA = 30 dB
0
36.45
42.45
48.45
42.25
48.25
54.25
0.1
33.91
39.91
45.91
39.71
45.71
51.71
0.2
30.78
36.78
42.78
36.58
42.58
48.58
0.3
27.39
33.39
39.39
33.19
39.19
45.19
0.4
23.74
29.74
35.74
29.54
35.54
41.54
0.5
20.69
26.69
32.69
26.49
32.49
38.49
0.6
17.11
23.11
29.11
22.91
28.91
34.91
0.7
13.54
19.54
25.54
19.34
25.34
31.34
0.8
10.27
16.27
22.27
16.07
22.07
28.07
0.9
6.48
12.48
18.48
12.28
18.28
24.28
1.0
3.16
9.16
15.16
8.96
14.96
20.96
1.1
–0.35
5.65
11.65
5.45
11.45
17.45
1.2
–2.48
3.52
9.52
3.32
9.32
15.32
1.3
–3.58
2.42
8.42
2.22
8.22
14.22
1.4
–4.01
1.99
7.99
1.79
7.79
13.79
1.5
–4
2
8
1.8
7.8
13.8
52
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com