Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 41 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 37Page - Texas Instruments AFE5808A Datasheet HTML 38Page - Texas Instruments AFE5808A Datasheet HTML 39Page - Texas Instruments AFE5808A Datasheet HTML 40Page - Texas Instruments AFE5808A Datasheet HTML 41Page - Texas Instruments AFE5808A Datasheet HTML 42Page - Texas Instruments AFE5808A Datasheet HTML 43Page - Texas Instruments AFE5808A Datasheet HTML 44Page - Texas Instruments AFE5808A Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
500Ω
500Ω
500Ω
500Ω
500Ω
500Ω
I/V Sum
Amp
Cext
Cext
Rint/Rext
Rint/Rext
CW_OUTM
CW_OUTP
Mixer Clock 1
Mixer Clock 2
Mixer Clock 8
LNA1
IN1
INM1
LNA2
IN2
INM2
LNA8
IN8
INM8
ACT1
ACT2
ACT8
CW I or Q CHANNEL
Structure
INPUT1
INPUT2
INPUT8
CW _AMPINP
CW_AMPINM
10Ω
10Ω
Vi(t)
Vo(t)
LO(t)
(
) ( )
( )
(
)
(
)
(
)
(
)
0
d
0
0
0
0
d
0
d
Vi(t)
sin
t
t
t
4
1
1
LO(t)
sin
t
sin 3
t
sin 5
t ...
3
5
2
Vo(t)
cos
t
cos 2
t
t
...
=
w + w + j +
w
é
ù
=
w
+
w
+
w
ê
ú
p ë
û
é
ù
=
w + f -
w - w + f
ë
û
p
f
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
Note: the 10
Ω resistors at CW_AMPINM/P are due to internal IC routing and can create slight attenuation.
Figure 70. A Complete In-phase or Quadrature Phase Channel
The CW mixer in the AFE5808A is passive and switch based; passive mixer adds less noise than active mixers.
It achieves good performance at low power. The below illustration and equations describe the principles of mixer
operation, where Vi(t), Vo(t) and LO(t) are input, output and local oscillator (LO) signals for a mixer respectively.
The LO(t) is square-wave based and includes odd harmonic components as the below equation expresses:
Figure 71. Block Diagram of Mixer Operation
(2)
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com