Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 20 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 16Page - Texas Instruments AFE5808A Datasheet HTML 17Page - Texas Instruments AFE5808A Datasheet HTML 18Page - Texas Instruments AFE5808A Datasheet HTML 19Page - Texas Instruments AFE5808A Datasheet HTML 20Page - Texas Instruments AFE5808A Datasheet HTML 21Page - Texas Instruments AFE5808A Datasheet HTML 22Page - Texas Instruments AFE5808A Datasheet HTML 23Page - Texas Instruments AFE5808A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
−80
−75
−70
−65
−60
−55
5
10
100
1000 2000
PSMR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
−90
−80
−70
−60
−50
−40
−30
−20
5
10
100
1000 2000
3V PSRR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
2000.0
4000.0
6000.0
8000.0
10000.0
12000.0
14000.0
16000.0
18000.0
20000.0
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Time (µs)
Output Code
Vcntl
−90
−80
−70
−60
−50
−40
−30
−20
5
10
100
1000 2000
5V PSRR vs SUPPLY FREQUENCY
Supply frequency (kHz)
Vcntl = 0
Vcntl = 0.3
Vcntl = 0.6
Vcntl = 0.9
0.0
0.2
0.5
0.8
1.0
1.2
1.5
1.8
2.0
2.2
2.5
0.0
2000.0
4000.0
6000.0
8000.0
10000.0
12000.0
14000.0
16000.0
18000.0
20000.0
−0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
Time (µs)
Output Code
Vcntl
−1.2
−1.0
−0.8
−0.6
−0.4
−0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.0
2.0
4.0
6.0
8.0
10.0 12.0 14.0 16.0 18.0 20.0
Time (µs)
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 48. AVDD_5V Power Supply Modulation Ratio, 100
Figure 49. AVDD Power Supply Rejection Ratio, 100 mVPP
mVPP Supply Noise with Different Frequencies
Supply Noise with Different Frequencies
Figure 50. AVDD_5 V Power Supply Rejection Ratio, 100
Figure 51. VCNTL Response Time, LNA = 18 dB and PGA
mVPP Supply Noise with Different Frequencies
= 24 dB
Figure 52. VCNTL Response Time, LNA = 18 dB and PGA
Figure 53. Pulse Inversion Asymmetrical Positive Input
= 24 dB
20
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com