Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 63 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 58Page - Texas Instruments AFE5808A Datasheet HTML 59Page - Texas Instruments AFE5808A Datasheet HTML 60Page - Texas Instruments AFE5808A Datasheet HTML 61Page - Texas Instruments AFE5808A Datasheet HTML 62Page - Texas Instruments AFE5808A Datasheet HTML 63Page - Texas Instruments AFE5808A Datasheet HTML 64Page - Texas Instruments AFE5808A Datasheet HTML 65Page - Texas Instruments AFE5808A Datasheet HTML 66Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 63 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
REVISION HISTORY
Changes from Original (October 2011) to Revision A
Page
•
Moved footnote "Low Noise Mode/Medium Power Mode/Low Power Mode" to the test condition for Input Referred
Current Noise ........................................................................................................................................................................ 6
•
Changed CW signal carrier freq From 8 MHz Max To 8 MHz typical .................................................................................. 8
•
Changed CW Clock freq, 4X CLK From 32 MHz Max To 32 MHz typical ........................................................................... 8
•
Added footnote for CW Operation Range ............................................................................................................................. 8
•
Added text to the ADC Register Map section ..................................................................................................................... 27
•
Added text to the CW Clock Selection section ................................................................................................................... 57
•
Added text to the Power Management Priority section ....................................................................................................... 59
Changes from Revision A (November 2011) to Revision B
Page
•
Added pin compatible device AFE5803 to the Description text ............................................................................................ 2
•
Changed the PIN FUNCTIONS Descriptions ....................................................................................................................... 4
•
Changed the tdelay Test Condiitons From: Input clock rising edge (zero cross) to frame clock rising edge (zero cross)
minus half the input clock period (T). To: Input clock rising edge (zero cross) to frame clock rising edge (zero cross)
minus 3/7 of the input clock period (T). .............................................................................................................................. 22
•
Changed the CHANNEL_OFFSET_SUBSTRACTION_ENABLE: Address: 3[8] text ........................................................ 30
•
Added Note: 59[8] is only effective in TGC test mode. ....................................................................................................... 34
•
Changed Figure 70 ............................................................................................................................................................. 41
•
Changed Figure 83 ............................................................................................................................................................. 48
•
Changed the TEST MODES section .................................................................................................................................. 60
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com