Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 9Page - Texas Instruments AFE5808A Datasheet HTML 10Page - Texas Instruments AFE5808A Datasheet HTML 11Page - Texas Instruments AFE5808A Datasheet HTML 12Page - Texas Instruments AFE5808A Datasheet HTML 13Page - Texas Instruments AFE5808A Datasheet HTML 14Page - Texas Instruments AFE5808A Datasheet HTML 15Page - Texas Instruments AFE5808A Datasheet HTML 16Page - Texas Instruments AFE5808A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
0
1000
2000
3000
4000
5000
6000
7000
8000
Gain (dB)
G005
0
10
20
30
40
50
60
70
80
90
100
110
120
ADC Output
G058
2000
4000
6000
8000
10000
12000
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Magnitude Response
Frequency (Hz)
Open
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Phase Response
Frequency (Hz)
Open
0
50
100
150
200
250
300
350
400
450
500
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Magnitude Response
Frequency (Hz)
50 Ohms
100 Ohms
200 Ohms
400 Ohms
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
500k
4.5M
8.5M
12.5M
16.5M
20.5M
Impedance Phase Response
Frequency (Hz)
50 Ohms
100 Ohms
200 Ohms
400 Ohms
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
TYPICAL CHARACTERISTICS (continued)
Figure 6. Gain Matching Histogram,
Figure 7. Output Offset Histogram, VCNTL = 0V (1247
channels)
VCNTL = 0.9V (34951 channels)
Figure 8. Input Impedance without Active Termination
Figure 9. Input Impedance without Active Termination
(Magnitude)
(Phase)
Figure 10. Input Impedance with Active Termination
Figure 11. Input Impedance with Active Termination
(Magnitude)
(Phase)
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com