Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 60 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 56Page - Texas Instruments AFE5808A Datasheet HTML 57Page - Texas Instruments AFE5808A Datasheet HTML 58Page - Texas Instruments AFE5808A Datasheet HTML 59Page - Texas Instruments AFE5808A Datasheet HTML 60Page - Texas Instruments AFE5808A Datasheet HTML 61Page - Texas Instruments AFE5808A Datasheet HTML 62Page - Texas Instruments AFE5808A Datasheet HTML 63Page - Texas Instruments AFE5808A Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 66 page
background image
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
Partial Power-Up/Down Mode
The partial power up/down mode is also called as fast power up/down mode. In this mode, most amplifiers in the
signal path are powered down, while the internal reference circuits remain active as well as the LVDS clock
circuit, i.e. the LVDS circuit still generates its frame and bit clocks.
The partial power down function allows the AFE5808A to be wake up from a low-power state quickly. This
configuration ensures that the external capacitors are discharged slowly; thus a minimum wake-up time is
needed as long as the charges on those capacitors are restored. The VCA wake-up response is typically about 2
μs or 1% of the power down duration whichever is larger. The longest wake-up time depends on the capacitors
connected at INP and INM, as the wake-up time is the time required to recharge the caps to the desired
operating voltages. For 0.1
μF at INP and 15nF at INM can give a wake-up time of 2.5ms. For larger capacitors
this time will be longer. The ADC wake-up time is about 1
μs. Thus the AFE5808A wake-up time is more
dependent on the VCA wake-up time. This also assumes that the ADC clock has been running for at least 50 µs
before normal operating mode resumes. The power-down time is instantaneous, less than 1.0µs.
This fast wake-up response is desired for portable ultrasound applications in which the power saving is critical.
The pulse repetition frequency of a ultrasound system could vary from 50KHz to 500Hz, while the imaging depth
(i.e., the active period for a receive path) varies from 10
μs to hundreds of us. The power saving can be pretty
significant when a system’s PRF is low. In some cases, only the VCA would be powered down while the ADC
keeps running normally to ensure minimal impact to FPGAs.
In the partial power-down mode, the AFE5808A typically dissipates only 26mW/ch, representing an 80% power
reduction compared to the normal operating mode. This mode can be set using either pins (PDN_VCA and
PDN_ADC) or register bits (VCA_PARTIAL_PDN and ADC_PARTIAL_PDN).
Complete Power-Down Mode
To achieve the lowest power dissipation of 0.7 mW/CH, the AFE5808A can be placed into a complete power-
down mode. This mode is controlled through the registers ADC_COMPLETE_PDN, VCA_COMPLETE_PDN or
PDN_GLOBAL pin. In the complete power-down mode, all circuits including reference circuits within the
AFE5808A are powered down; and the capacitors connected to the AFE5808A are discharged. The wake-up
time depends on the time needed to recharge these capacitors. The wake-up time depends on the time that the
AFE5808A spends in shutdown mode. 0.1
μF at INP and 15nF at INM can give a wake-up time close to 2.5ms.
Power Saving in CW Mode
Usually only half the number of channels in a system are active in the CW mode. Thus the individual channel
control through ADC_PDN_CH <7:0> and VCA_PDN_CH <7:0> can power down unused channels and save
power consumption greatly. Under the default register setting in the CW mode, the voltage controlled attenuator,
PGA, and ADC are still active. During the debug phase, both the PW and CW paths can be running
simultaneously. In real operation, these blocks need to be powered down manually.
TEST MODES
The AFE5808A includes multiple test modes to accelerate system development. The ADC test modes have been
discussed in the register description section.
The VCA has a test mode in which the CH7 and CH8 PGA outputs can be brought to the CW pins. By monitoring
these PGA outputs, the functionality of VCA operation can be verified. The PGA outputs are connected to the
virtual ground pins of the summing amplifier (CW_IP_AMPINM/P, CW_QP_AMPINM/P) through 5k
Ω resistors.
The PGA outputs can be monitored at the summing amplifier outputs when the LPF capacitors CEXT are
removed. Note that the signals at the summing amplifier outputs are attenuated due to the 5K
Ω resistors. The
attenuation coefficient is RINT/EXT/5kΩ.
If users would like to check the PGA outputs without removing CEXT, an alternative way is to measure the PGA
outputs directly at the CW_IP_AMPINM/P and CW_QP_AMPINM/P when the CW summing amplifier is powered
down.
60
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com