Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFE5808A Datasheet HTML 52Page - Texas Instruments AFE5808A Datasheet HTML 53Page - Texas Instruments AFE5808A Datasheet HTML 54Page - Texas Instruments AFE5808A Datasheet HTML 55Page - Texas Instruments AFE5808A Datasheet HTML 56Page - Texas Instruments AFE5808A Datasheet HTML 57Page - Texas Instruments AFE5808A Datasheet HTML 58Page - Texas Instruments AFE5808A Datasheet HTML 59Page - Texas Instruments AFE5808A Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
S0503-01
(a) LVPECL Configuration
(c) TransformerBasedConfiguration
(d)CMOS Configuration
(b) LVDSConfiguration
CMOSCLK
Driver
AFE
CMOSCLK
CMOS
AFE
CLOCKs
CLOCK
SOURCE
50 Ω
0.1 F
μ
0.1 F
μ
0.1 F
μ
0.1 F
μ
CDCE72010
AFE
CLOCKs
100 Ω
LVDS
0.1 F
μ
0.1 F
μ
CDCM7005
CDCE7010
AFE
CLOCKs
130 Ω
LVPECL
0.1 F
μ
0.1 F
μ
83 Ω
3.3V
3.3V
130 Ω
AFE5808A
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
www.ti.com
Figure 89. Clock Configurations
The combination of the clock noise and the CW path noise can degrade the CW performance. The internal
clocking circuit is designed for achieving excellent phase noise required by CW operation. The phase noise of
the AFE5808A CW path is better than 155dBc/Hz at 1KHz offset. Consequently the phase noise of the mixer
clock inputs needs to be better than 155dBc/Hz.
56
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com