Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE5808A Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AFE5808A
Description  Fully Integrated, 8-Channel Ultrasound Analog Front End with Passive CW Mixer, 0.75 nV/rtHz, 14/12-Bit, 65 MSPS, 158 mW/CH
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE5808A Datasheet(HTML) 5 Page - Texas Instruments

  AFE5808A Datasheet HTML 1Page - Texas Instruments AFE5808A Datasheet HTML 2Page - Texas Instruments AFE5808A Datasheet HTML 3Page - Texas Instruments AFE5808A Datasheet HTML 4Page - Texas Instruments AFE5808A Datasheet HTML 5Page - Texas Instruments AFE5808A Datasheet HTML 6Page - Texas Instruments AFE5808A Datasheet HTML 7Page - Texas Instruments AFE5808A Datasheet HTML 8Page - Texas Instruments AFE5808A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
AFE5808A
www.ti.com
SLOS729B – OCTOBER 2011 – REVISED APRIL 2012
PIN FUNCTIONS (continued)
PIN
DESCRIPTION
NO.
NAME
Negative differential input of the quadrature-phase summing amplifier. External LPF capacitor has to be connected
J2
CW_QP_AMPINM
between CW_QP_AMPINM and CW_QP_OUTP. This pin becomes CH8 PGA negative output when PGA test
mode is enabled. Can be floated if not used.
Positive differential input of the quadrature-phase summing amplifier. External LPF capacitor has to be connected
J1
CW_QP_AMPINP
between CW_QP_AMPINP and CW_QP_OUTM. This pin becomes CH8 PGA positive output when PGA test mode
is enabled. Can be floated if not used.
Negative differential output for the quadrature-phase summing amplifier. External LPF capacitor has to be
H1
CW_QP_OUTM
connected between CW_QP_AMPINP and CW_QP_OUTM. Can be floated if not used.
Positive differential output for the quadrature-phase summing amplifier. External LPF capacitor has to be connected
H2
CW_QP_OUTP
between CW_QP_AMPINM and CW_QP_OUTP. Can be floated if not used.
N8, P9~P7,
D1M~D8M
ADC CH1~8 LVDS negative outputs
P3~P1, N2
N9, R9~R7,
D1P~D8P
ADC CH1~8 LVDS positive outputs
R3~R1, N1
P6
DCLKM
LVDS bit clock (7x) negative output
R6
DCLKP
LVDS bit clock (7x) positive output
K7,
L5~L7,M5~M8,
DNC
Do not connect. Must leave floated
N4, N6
N3, N7
DVDD
ADC digital and I/O power supply, 1.8 V
N5, P5, R5
DVSS
ADC digital ground
P4
FCLKM
LVDS frame clock (1X) negative output
R4
FCLKP
LVDS frame clock (1X) positive output
CH1~8 complimentary analog inputs. Bypass to ground with
≥ 0.015 µF capacitors. The HPF response of the LNA
C9~C2
INM1…INM8
depends on the capacitors.
A9~A2
INP1...INP8
CH1~8 analog inputs. AC couple to inputs with
≥ 0.1µF capacitors.
ADC partial (fast) power down control pin with an internal pull down resistor of 100 k
Ω. Active High. Either 1.8V or
L8
PDN_ADC
3.3V logic level can be used.
VCA partial (fast) power down control pin with an internal pull down resistor of 20 k
Ω. Active High. 3.3V logic level is
J8
PDN_VCA
recommended.
Global (complete) power-down control pin for the entire chip with an internal pull down resistor of 20k
Ω. Active High.
H8
PDN_GLOBAL
3.3V logic level is recommended.
0.5 V reference output in the internal reference mode. Must leave floated in the internal reference mode. Adding test
L4
REFM
point on PCB is recommended for monitoring the reference output.
1.5 V reference output in the internal reference mode. Must leave floated in the internal reference mode. Adding test
M4
REFP
point on PCB is recommended for monitoring the reference output.
H9
RESET
Hardware reset pin with an internal pull-down resistor of 20 k
Ω. Active high, 3.3V logic level is recommended.
J9
SCLK
Serial interface clock input with an internal pull-down resistor of 20 k
Ω, 3.3V logic level is recommended.
K9
SDATA
Serial interface data input with an internal pull-down resistor of 20 k
Ω, 3.3V logic level is recommended.
M9
SDOUT
Serial interface data readout. High impedance when readout is disabled, 1.8V logic
L9
SEN
Serial interface enable with an internal pull up resistor of 20 k
Ω. Active low, 3.3V logic level is recommended.
K4
VCNTLM
Negative differential attenuation control pin. Common mode voltage is 0.75V.
K3
VCNTLP
Positive differential attenuation control pin. Common mode voltage is 0.75V.
K5
VHIGH
Bias voltage; bypass to ground with
≥1µF.
M3
VREF_IN
ADC 1.4 V reference input in the external reference mode; bypass to ground with 0.1 µF.
K7, L5~L7,
DNC
Do not connect. Must leave floated
M5~M8, N4, N6
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): AFE5808A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com