Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 124 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 124 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 120Page - Agere Systems OR3LP26B Datasheet HTML 121Page - Agere Systems OR3LP26B Datasheet HTML 122Page - Agere Systems OR3LP26B Datasheet HTML 123Page - Agere Systems OR3LP26B Datasheet HTML 124Page - Agere Systems OR3LP26B Datasheet HTML 125Page - Agere Systems OR3LP26B Datasheet HTML 126Page - Agere Systems OR3LP26B Datasheet HTML 127Page - Agere Systems OR3LP26B Datasheet HTML 128Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
124
Lucent Technologies Inc.
Lucent Technologies Inc.
Configuration Space of the PCI Core (continued)
Table 42. Configuration Space Assignment
* These values are intended to be custom assigned, per the intended application, by assigning constants via the FPGA configuration bit stream.
† These exhibit special behavior per the PCI Specification:
— Reads behave normally.
— Writing a 1 clears the bit to zero.
— Writing a 0 has no effect on the bit.
‡ This bit is set when the device detects any type of parity error from its own master or target.
§ Bytes 10—27 hex contain the base address registers (BARs).
— Any legal combination of memory and I/O BARs is permitted, as long as 64-bit BARs are naturally aligned, that is, they occupy bytes
10—17, 18—1F, or 20—27 hex.
— Memory BARs may be marked as prefetchable/nonprefetchable by setting/resetting bit 3; however, the PCI core’s behavior is not affected
by this setting. In particular, the Target read operation may discard unused FIFO read-ahead data even though the data space is marked as
nonprefetchable (this is not a violation, since the nonprefetchable bit only says that data can’t be discarded once it has been sent over the
PCI bus; nevertheless, caution must be exercised when this bit is reset).
Bytes
Width
Bit
Description
Read/Write
Initial Value
00—01
16
—
Vendor ID
Read Only
11C1h (Lucent)
02—03
16
—
Device ID
Read Only
5401h (OR3LP26B)
04—05
16
0
1
2
3
4
5
6
7
8
9
15—10
Command:
Enable I/O Space
Enable Memory Space
Enable Bus Master
Enable Special Cycle
Enable Mem Wr & Inv
Enable VGA Palette Snoop
Enable Par Err Response
Enable Stepping
Enable SERRn
Enable Fast Back-to-Back
Reserved
Read/Write
Read/Write
Read/Write
Read Only
Read/Write
Read Only
Read/Write
Read Only
Read/Write
Read/Write
Read Only
0
0
*
0
0
0
0
0
0
0
zeros
06—07
16
4—0
5
6
7
8
10—9
11
12
13
14
15
Status:
Reserved
66 MHz Capable
UDF Supported
Fast Back-to-Back
Data PERRn Detected
devseln Timing
Target Abort Signaled
Target Abort Received
Master Abort Received
System Error Signaled
Parity Error Detected
Read Only
Read Only
Read Only
Read Only
†
Read Only
†
†
†
†
† ‡
zeros
1
0
1
0
01b (medium)
0
0
0
0
0
08
8
—
Revision ID
Read Only
*
09—0B
24
—
Class Code
Read Only
*
0C
8
—
Cache Line Size
Read Only
zeros
0D
8
7—3
2—0
Latency Timer:
Programmable Portion
Granularity = 8 clks
Read/Write
Read Only
zeros
zeros
0E
8
—
Header Type
Read Only
00h
0F
8
—
BIST
Read Only
zeros
10—27
192
—
BAR
§
*
28—2B
32
—
Cardbus CIS Pointer
Read Only
zeros
2C—2D
16
—
Subsystem Vendor ID
Read Only
zeros
2E—2F
16
—
Subsystem ID
Read Only
*
30—33
32
—
Expansion ROM Base Address
Read Only
zeros
34
8
—
(Capabilities Pointer)
—
50h
35—37
24
—
(Reserved)
Read Only
zeros
38—3B
32
—
(Reserved)
Read Only
zeros



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com