Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 126 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 126 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 122Page - Agere Systems OR3LP26B Datasheet HTML 123Page - Agere Systems OR3LP26B Datasheet HTML 124Page - Agere Systems OR3LP26B Datasheet HTML 125Page - Agere Systems OR3LP26B Datasheet HTML 126Page - Agere Systems OR3LP26B Datasheet HTML 127Page - Agere Systems OR3LP26B Datasheet HTML 128Page - Agere Systems OR3LP26B Datasheet HTML 129Page - Agere Systems OR3LP26B Datasheet HTML 130Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 184 page
background image
126
126
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
FPSC Configuration
The OR3LP26B FPSC provides the designer many
configuration options. In addition to all the configuration
options provided in the standard Series 3 architecture
(except Master parallel mode) including configuration
via the microprocessor and boundary-scan (JTAG)
interfaces, the OR3LP26B PCI FPSC also allows con-
figuration via the PCI interface. With this capability,
many configuration schemes can be implemented. For
example, a generic FPSC configuration can be loaded
via a serial configuration PROM and updated via the
PCI bus or the microprocessor interface. The FPSC
can also be reprogrammed in the field, or the configu-
ration can be dynamically modified to perform different
tasks.
When the FPSC is configured via the PCI interface,
there is a priority issue that must be resolved. The Sub-
system vendor ID and subsystem ID that reside at
2Ch—2Fh in the PCI configuration space can be
assigned during FPGA configuration, but these same
pieces of information may be needed by system soft-
ware to determine which FPSC configuration bit stream
to use for each FPSC when two or more FPSCs reside
on one PCI bus. For this reason, the OR3LP26B FPSC
is designed to allow for two different configuration
schemes.
The first option is more flexible; in this scheme, the
FPSC is first configured without employing the PCI
interface (e.g., via serial PROM). The access to the
FPSC's configuration registers via the PCI interface
occurs after this first configuration completes, so that
when the subsystem vendor ID and subsystem ID are
finally read, they properly and uniquely identify the card
on which the FPSC resides. This initial configuration bit
stream is only required to provide correct subsystem
vendor ID and subsystem ID values for system soft-
ware use, but it may in addition be the first version of
the FPSC's application code. The PCI system software
is then able to invoke the proper procedures that will
reconfigure the FPSC using the desired version of the
configuration bit stream.
The disadvantage of the first option is that it requires
that the FPSC be preconfigured prior to receiving the
working bit stream via the PCI interface. In a propri-
etary system, however, a second option may be
employed if the configuring software may already know
which bit stream to use to configure the FPSC. The
system software can simply locate the OR3LP26B by
reading the vendor ID and device ID, and then proceed
directly to FPSC configuration via the PCI bus. This
feature takes advantage of the fact that the PCI inter-
face is functional even before the FPSC has been con-
figured.
Configuration via PCI Bus
The OR3LP26B is configured using locations 40 hex
through 47 hex. These registers are dedicated to the
FPSC configuration and readback functions, as
detailed in Tables 36 and 37. The FPGA configuration
control-status register (FCCSR) is a 16-bit register at
address 40 hex—41 hex, and the FPGA configuration
data register (FCDR) is a 32-bit register at address
44 hex—47 hex.
The following is an example sequence which config-
ures the FPSC via the PCI interface:
1. Read the vendor ID and device ID registers. If the
vendor ID is 11C1 hex, the vendor, or chip manufac-
turer, is Lucent. If, in addition, the device ID is
5401 hex, the device is a Lucent OR3LP26B PCI
FPSC; go to step 2.
2. At this point, the configuration software may do one
of two things. If this is a proprietary system and the
configuration software already knows how to config-
ure any Lucent OR3LP26B, the software may skip
the next two steps, and the FPSC does not need to
be preconfigured. If this is a standard system, the
configuration software must perform the next two
steps to uniquely identify the application that is uti-
lizing the OR3LP26B.
3. Read the FCCSR [1] until Done goes active-high,
signaling that the FPSC preconfiguration operation
has completed, typically via a serial configuration
PROM.
4. Read the class code, revision ID, subsystem vendor
ID, and subsystem ID registers. This information is
programmed into the FPSC by the preconfiguration
step. This information is used by the configuration
software to locate the correct FPSC configuration
bit stream and driver for the FPSC's application,
and is provided by the manufacturer of the adapter
card containing the FPSC.
5. Read the FCCSR until bit 0 goes high. If communi-
cation with the FPSC is underway via the boundary-
scan hardware, this signal will remain inactive-low
until it completes.
6. Write to the FCCSR three times, first with PrgmN
high, then low, then high.
7. Write to the FCCSR with ConfigFPGA high. This will
initiate an FPSC configuration session via the PCI
interface.
8. Wait for the RAM initialization to complete by moni-
toring FCCSR [2]. Wait for 1.5 ms, and then send
one word of all ones. If InitN is high, continue with
real data; otherwise, repeat or declare the problem.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com