Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 125 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 125 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 121Page - Agere Systems OR3LP26B Datasheet HTML 122Page - Agere Systems OR3LP26B Datasheet HTML 123Page - Agere Systems OR3LP26B Datasheet HTML 124Page - Agere Systems OR3LP26B Datasheet HTML 125Page - Agere Systems OR3LP26B Datasheet HTML 126Page - Agere Systems OR3LP26B Datasheet HTML 127Page - Agere Systems OR3LP26B Datasheet HTML 128Page - Agere Systems OR3LP26B Datasheet HTML 129Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 184 page
background image
Lucent Technologies Inc.
125
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Configuration Space of the PCI Core (continued)
Table 42. Configuration Space Assignment (continued)
*
These values are intended to be custom assigned, per the intended application, by assigning constants via the FPGA configuration bit
stream.
† These exhibit special behavior per the PCI Specification:
— Reads behave normally.
— Writing a 1 clears the bit to zero.
— Writing a 0 has no effect on the bit.
‡ This bit is set when the device detects any type of parity error from its own master or target.
§ Bytes 10—27 hex contain the base address registers (BARs).
— Any legal combination of memory and I/O BARs is permitted, as long as 64-bit BARs are naturally aligned, that is, they occupy bytes
10—17, 18—1F, or 20—27 hex.
— Memory BARs may be marked as prefetchable/nonprefetchable by setting/resetting bit 3; however, the PCI core’s behavior is not affected
by this setting. In particular, the Target read operation may discard unused FIFO read-ahead data even though the data space is marked
as nonprefetchable (this is not a violation, since the nonprefetchable bit only says that data can’t be discarded once it has been sent over
the PCI bus; nevertheless, caution must be exercised when this bit is reset).
** These signals are tied to the FPGA signal of the same name and are not initialized.
†† This 32-bit register is used during manufacturing test. Writes are not allowed; reads are allowed and cause no side effects, but the value
returned is undefined.
‡‡ These exhibit special behavior per the CompactPCI Hot Swap Specification:
— Reads behave normally.
— Writing a 1 clears the bit to zero.
— Writing a 0 has no effect on the bit.
Bytes
Width
Bit
Description
Read/Write
Initial Value
3C
9
—
Interrupt Line
Read/Write
zeros
3D
8
—
Interrupt Pin
Read Only
01h (INTAn)
3E
8
—
Min_Gnt
Read Only
*
3F
8
—
Max_Lat
Read Only
*
40—41
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
FPGA Config. Command-Status Register:
Gsr
PCI Core Global Set/Reset
ConfigFPGA
Enable FPGA Config.
RdCfgN
Enable Readback
PrgmN
Reset FPGA Config. Logic
FastSlowN
Fast/Slow Config. Clock
BitErr_1
Error Signal from FPGA
BitErr_0
Error Signal from FPGA
CfgBusy
Cfg Not In Idle State
RdBkNext
Readback Handshake
PciRegVld
Configuration Handshake
SRFull
Shift Reg Full
SREmpty
Shift Reg Empty
HndShkErr
Handshake Error
InitN
FPGA’s INITN
Done
FPGA’s DONE
Mode
PCI Core Mode
Read/Write
Read/Write
Read/Write
Read/Write
Read/Write
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
Read Only
Read/Write
Read Only
Read Only
Read Only
0
0
1
1
0
0
0
0
0
0
0
0
0
**
**
0
42—43
16
(Reserved)
Read Only
zeros
44—47
32
FPGA Config. Data Register
Read/Write
zeros
48-4B
32
Scratch Register
Read/Write
zeros
4C
32
Reserved for Manufacturing Testing
††
Footnote 7
50
8
Capability ID
Read Only
06h (Hot Plug)
51
8
Next Item
Read Only
00h (Last item)
52
7
6
5
4
3
2
1
0
Hot Swap Control Status Register:
INS
ENUMn Status - Insertion
EXT
ENUMn Status - Extraction
Reserved
Reserved
LOO
Reserved
EIM
ENUMn Signal Mark
Reserved
‡‡
‡‡
Read Only
Read Only
Read/Write
Read Only
Read/Write
Read Only
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com