Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 151 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 151 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 147Page - Agere Systems OR3LP26B Datasheet HTML 148Page - Agere Systems OR3LP26B Datasheet HTML 149Page - Agere Systems OR3LP26B Datasheet HTML 150Page - Agere Systems OR3LP26B Datasheet HTML 151Page - Agere Systems OR3LP26B Datasheet HTML 152Page - Agere Systems OR3LP26B Datasheet HTML 153Page - Agere Systems OR3LP26B Datasheet HTML 154Page - Agere Systems OR3LP26B Datasheet HTML 155Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 184 page
background image
Lucent Technologies Inc.
151
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information
This section describes the pins and signals that perform FPGA-related functions. Any pins not described in Table 7
or here in Table 68 are user-programmable I/Os. During configuration, the user-programmable I/Os are 3-stated
and pulled-up with an internal resistor. If any FPGA function pin is not used (or not bonded to package pin), it is
also 3-stated and pulled-up after configuration.
Table 68. FPGA Common-Function Pin Descriptions
* The
ORCA Series 3 FPGA data sheet contains more information on how to control these signals during start-up. The timing of DONE release
is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the activation of all
user I/Os) is controlled by a second set of options.
Symbol
I/O
Description
Dedicated Pins
VDD
—
3.3 V power supply.
VDD2
—
2.5 V power supply.
GND
—
Ground supply.
RESET
I
During configuration, RESET forces the restart of configuration and a pull-up is
enabled. After configuration, RESET can be used as an FPGA logic direct input,
which causes all PLC latches/FFs to be asynchronously set/reset.
CCLK
I
In the Master and asynchronous peripheral modes, CCLK is an output which strobes
configuration data in. In the slave or synchronous peripheral mode, CCLK
is input synchronous with the data on DIN or D[7:0]. In microprocessor and PCI
modes, CCLK is used internally and output for daisy-chain operation.
DONE
I
O
As an input, a low level on DONE delays FPGA start-up after configuration.*
As an active-high, open-drain output, a high level on this signal indicates that configu-
ration is complete. DONE is also used in the embedded PCI core start-up sequence.
DONE has an optional pull-up resistor.
PRGM
IPRGM is an active-low input that forces the restart of configuration and resets the
boundary-scan circuitry. This pin always has an active pull-up.
RD_CFG
I
This pin must be held high during device initialization until the INIT pin goes high. This
pin always has an active pull-up.
During configuration, RD_CFG is an active-low input that activates the TS_ALL func-
tion and 3-states all of the I/O.
After configuration, RD_CFG can be selected (via a bit stream option) to activate the
TS_ALL function as described above, or, if readback is enabled via a bit stream
option, a high-to-low transition on RD_CFG will initiate readback of the configuration
data, including PFU output states, starting with frame address 0.
RD_DATA/TDO
O
RD_DATA/TDO is a dual-function pin. If used for readback, RD_DATA provides con-
figuration data out. If used in boundary scan, TDO is test data out.
Special-Purpose Pins
M0, M1, M2
I
During powerup and initialization, M0—M2 are used to select the configuration mode
with their values latched on the rising edge of INIT; see Table 45 for the configuration
modes. During configuration, a pull-up is enabled.
I/O
After configuration, M2 can be a user-programmable I/O.*
M3
I
During powerup and initialization, M3 is used to select the speed of the internal oscil-
lator during configuration with their values latched on the rising edge of INIT. When
M3 is low, the oscillator frequency is 10 MHz. When M3 is high, the oscillator is
1.25 MHz. During configuration, a pull-up is enabled.
I/O
After configuration, M3 can be a user-programmable I/O pin.*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com