Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 153 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 153 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 149Page - Agere Systems OR3LP26B Datasheet HTML 150Page - Agere Systems OR3LP26B Datasheet HTML 151Page - Agere Systems OR3LP26B Datasheet HTML 152Page - Agere Systems OR3LP26B Datasheet HTML 153Page - Agere Systems OR3LP26B Datasheet HTML 154Page - Agere Systems OR3LP26B Datasheet HTML 155Page - Agere Systems OR3LP26B Datasheet HTML 156Page - Agere Systems OR3LP26B Datasheet HTML 157Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 184 page
background image
Lucent Technologies Inc.
153
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Pin Information (continued)
Table 68. FPGA Common-Function Pin Descriptions (continued)
* The
ORCA Series 3 FPGA data sheet contains more information on how to control these signals during start-up. The timing of DONE release
is controlled by one set of bit stream options, and the timing of the simultaneous release of all other configuration pins (and the activation of all
user I/Os) is controlled by a second set of options.
Symbol
I/O
Description
Special-Purpose Pins (continued)
MPI_IRQ
O
MPI
active-low interrupt request output.
I/O
If the MPI is not in use, this is a user-programmable I/O.
MPI_BI
O
PowerPC mode MPI burst inhibit output.
I/O
If the MPI is not in use, this is a user-programmable I/O.
MPI_ACK
OIn
PowerPC mode MPI operation, this is the active-high transfer acknowledge (TA)
output. For
i960 MPI operation, it is the active-low ready/record (RDYRCV) output.
If the MPI is not in use, this is a user-programmable I/O.
MPI_RW
I
In
PowerPC mode MPI operation, this is the active-low write/ active-high read control
signals. For
i960 operation, it is the active-high write/active-low read control signal.
I/O
If the MPI is not in use, this is a user-programmable I/O.
MPI_CLK
I
This is the clock used for the synchronous MPI interface. For
PowerPC, it is the CLK-
OUT signal. For
i960, it is the system clock that is chosen for the i960 external bus
interface.
I/O
If the MPI is not in use, this is a user-programmable I/O.
A[4:0]
I
For
PowerPC operation, these are the PowerPC address inputs. The address bit
mapping (in
PowerPC/FPGA notation) is A[31]/A[0], A[30]/A[1], A[29]/A[2], A[28]/
A[3], A[27]/A[4]. Note that A[27]/A[4] is the MSB of the address. The A[4:2] inputs
are not used in
i960 MPI mode.
I/O
If the MPI is not in use, this is a user-programmable I/O.
A[1:0]/MPI_BE[1:0]
IFor
i960 operation, MPI_BE[1:0] provide the i960 byte enable signals, BE[1:0], that are
used as address bits A[1:0] in
i960 byte-wide operation.
D[7:0]
I
During Master parallel, peripheral, and slave parallel configuration modes, D[7:0]
receive configuration data, and each pin has a pull-up enabled. During serial config-
uration modes, D0 is the DIN input. D[7:0] are also the data pins for
PowerPC micro-
processor mode and the address/data pins for
i960 microprocessor mode.
I/O
After configuration, the pins are user-programmable I/O pins.*
DIN
I
During slave serial or Master serial configuration modes, DIN accepts serial configu-
ration data synchronous with CCLK. During parallel configuration modes, DIN is the
D0 input. During configuration, a pull-up is enabled.
I/O
After configuration, this pin is a user-programmable I/O pin.*
DOUT
O
During configuration, DOUT is the serial data output that can drive the DIN of daisy-
chained slave LCA devices. Data out on DOUT changes on the falling edge of
CCLK.
I/O
After configuration, DOUT is a user-programmable I/O pin.*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com