Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 150 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 150 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 146Page - Agere Systems OR3LP26B Datasheet HTML 147Page - Agere Systems OR3LP26B Datasheet HTML 148Page - Agere Systems OR3LP26B Datasheet HTML 149Page - Agere Systems OR3LP26B Datasheet HTML 150Page - Agere Systems OR3LP26B Datasheet HTML 151Page - Agere Systems OR3LP26B Datasheet HTML 152Page - Agere Systems OR3LP26B Datasheet HTML 153Page - Agere Systems OR3LP26B Datasheet HTML 154Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
150
Lucent Technologies Inc.
Lucent Technologies Inc.
Estimating Power Dissipation
The total operating power dissipated is estimated by summing the FPGA standby (IDDSB), internal, and external
power dissipated, in addition to the PCI core internal and I/O power.
Table 67. PCI Core Internal Power Dissapation
The following discussion relates to the FPGA portion of the device. The internal and external power is the power
consumed in the PLCs and PICs, respectively. In general, the standby power is small and may be neglected. The
total operating power is as follows:
PT =
Σ PPLC + Σ PPIC
The internal operating power is made up of two parts: clock generation and PFU output power. The PFU output
power can be estimated based upon the number of PFU outputs switching when driving an average fan-out of two:
PPFU = 0.078 mW/MHz
For each PFU output that switches, 0.136 mW/MHz needs to be multiplied times the frequency (in MHz) that the
output switches. Generally, this can be estimated by using one-half the clock rate, multiplied by some activity factor;
for example, 20%.
The power dissipated by the clock generation circuitry is based upon four parts: the fixed clock power, the power/
clock branch row or column, the clock power dissipated in each PFU that uses this particular clock, and the power
from the subset of those PFUs that are configured as synchronous memory. Therefore, the clock power can be cal-
culated for the four parts using the following equations:
OR3LP26B Clock Power
P= [0.22 mW/MHz
+ (0.39 mW/MHz/Branch) (# Branches)
+ (0.008 mW/MHz/PFU) (# PFUs)
+ (0.002 mW/MHz/PIO (# PIOs)]
For a quick estimate, the worst-case (typical circuit) OR3LP26BB clock power = 4.8 mW/MHz
The following discussions are relavant to FPGA I/Os and the PCI core I/Os. The power dissipated in a PIC is the
sum of the power dissipated in the four PIOs in the PIC. This consists of power dissipated by inputs and ac power
dissipated by outputs. The power dissipated in each PIO depends on whether it is configured as an input, output, or
input/output. If a PIO is operating as an output, then there is a power dissipation component for PIN, as well as
POUT. This is because the output feeds back to the input.
The power dissipated by an input buffer is (VIH = VDD – 0.3 V or higher) estimated as:
PIN = 0.09 mW/MHz
The ac power dissipation from an output or bidirectional is estimated by the following:
POUT = (CL + 8.8 pF)
× VDD2 × F Watts
where the unit for CL is farads, and the unit for F is Hz.
Operating Frequency
(MHz)
Power Dissipated
Unit
Min
Max
33
—
292
mW
66
—
584
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com