Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 146 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 146 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems OR3LP26B Datasheet HTML 146Page - Agere Systems OR3LP26B Datasheet HTML 147Page - Agere Systems OR3LP26B Datasheet HTML 148Page - Agere Systems OR3LP26B Datasheet HTML 149Page - Agere Systems OR3LP26B Datasheet HTML 150Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
146
Lucent Technologies Inc.
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 64. OR3LP26B FPGA Side Interface Clock to Output Delays, fclk Synchronous Signals
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Note: The clock to out parameters are measured from the FCLK1 and FCLK2 clock input pins on the FPGA side, excluding the interbufs, which
traverse the ASIC/FPGA boundary. The
ORCA Foundry Static Analysis Tool, Trace, accounts for clock skew and interbuf delays on the
clock and data paths.
Description (TI = 85 °C, VDD = min, VDD2 = min)
Min
Max
Unit
fpga_msyserror
—
3.779
ns
pci_mcfg_stat
—
4.404
ns
ma_fulln
—
4.314
ns
mstatecntr[2:0]
—
5.796
ns
m_ready
—
4.758
ns
mw_fulln
—
4.348
ns
mw_afulln
—
3.734
ns
datatofpga[63:0] (dual-port mode)
—
8.679
ns
datatofpgax[7:0] (dual-port mode)
—
7.974
ns
mrdata[35:0] (quad-port mode)
—
8.479
ns
twdata[35:0] (quad-port mode)
—
6.867
ns
mr_emptyn
—
3.840
ns
mr_aemptyn
—
3.684
ns
mrlastcycn
—
7.536
ns
disctimerexpn
—
3.436
ns
pci_tcfg_stat
—
3.777
ns
treqn
—
4.932
ns
t_ready
—
4.817
ns
tstatecntr[2:0]
—
4.355
ns
tw_emptyn
—
3.893
ns
tw_aemptyn
—
3.759
ns
twlastcycn
—
7.557
ns
tr_fulln
—
4.358
ns
tr_afulln
—
3.915
ns
trlastcycn
—
5.533
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com