Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 142 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 142 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems OR3LP26B Datasheet HTML 146Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
142
Lucent Technologies Inc.
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 57. OR3LP26B Input to Fast Clock Setup/Hold Time (Pin-to-Pin)
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by
ORCA Foundry.
The fclk delays are for a fully routed clock tree that uses the ExpressCLK input into the fast clock network. It includes both the input buffer delay
and the clock routing to the PFU CLK input. The delay will be reduced if any of the clock branches are not used.
5-4847(F).a
Figure 55. Input to Fast Clock Setup/Hold Time
Description
(TJ = 85 °C, VDD = min)
Min
Max
Unit
Output Not on Same Side of Device As Input Clock (Fast Clock Delays Using ExpressCLK Inputs)
Input to fclk Setup Time (middle ECLK pin)
0.0
—
ns
Input to fclk Setup Time (middle ECLK pin, delayed data input)
5.58
—
ns
Input to fclk Setup Time (corner ECLK pin)
0.0
—
ns
Input to fclk Setup Time (corner ECLK pin, delayed data input)
3.77
—
ns
Input to fclk Hold Time (middle ECLK pin)
4.62
—
ns
Input to fclk Hold Time (middle ECLK pin, delayed data input)
0.0
—
ns
Input to fclk Hold Time (corner ECLK pin)
6.54
—
ns
Input to fclk Hold Time (corner ECLK pin, delayed data input)
0.0
—
ns
Q
D
ECLK
INPUT
PIO FF
CLKCNTRL
fclk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com