Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 140 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 140 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 136Page - Agere Systems OR3LP26B Datasheet HTML 137Page - Agere Systems OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
140
Lucent Technologies Inc.
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 55. OR3LP26B General System Clock (SCLK) to Output Delay (Pin-to-Pin)
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Note: This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the input buffer delay, the clock routing
to the PIO CLK input, the clock
→Q of the FF, and the delay through the output buffer. The delay will be reduced if any of the clock
branches are not used. The given timing requires that the input clock pin be located at one of the four center PICs on any side of the
device and that a PIO FF be used. For clock pins located at any other PIO, see the results reported by
ORCA Foundry.
5-4846(F)
Figure 53. System Clock to Output Delay
Description
(TJ = 85 °C, VDD = min)
Min
Max
Unit
Output On Same Side of Device As Input Clock (System Clock Delays Using General User I/O Inputs)
Clock Input Pin (mid-PIC)
→OUTPUT Pin (Fast)
—9.86
ns
Clock Input Pin (mid-PIC)
→OUTPUT Pin (Slewlim)
—
10.66
ns
Clock Input Pin (mid-PIC)
→OUTPUT Pin (Sinklim)
—
15.10
ns
Additional Delay if Non-mid-PIC Used as Clock Pin
—
0.83
ns
Output Not on Same Side of Device As Input Clock (System Clock Delays Using General User I/O Inputs)
Additional Delay if Output Not on Same Side as Input Clock Pin
—
0.83
ns
OUTPUT (50 pF LOAD)
Q
D
SCLK
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com