Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 136 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 136 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 132Page - Agere Systems OR3LP26B Datasheet HTML 133Page - Agere Systems OR3LP26B Datasheet HTML 134Page - Agere Systems OR3LP26B Datasheet HTML 135Page - Agere Systems OR3LP26B Datasheet HTML 136Page - Agere Systems OR3LP26B Datasheet HTML 137Page - Agere Systems OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 184 page
background image
136
136
Lucent Technologies Inc.
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
Lucent Technologies Inc.
Timing Characteristics
Description
The most accurate timing characteristics are reported
by the timing analyzer in the
ORCA Foundry Develop-
ment System. A timing report provided by the develop-
ment system after layout divides path delays into logic
and routing delays. The timing analyzer can also pro-
vide logic delays prior to layout. While this allows rout-
ing budget estimates, there is wide variance in routing
delays associated with different layouts.
The logic timing parameters noted in the Electrical
Characteristics section of this data sheet are the same
as those in the design tools. In the PFU timing, symbol
names are generally a concatenation of the PFU oper-
ating mode and the parameter type. The setup, hold,
and propagation delay parameters, defined below, are
designated in the symbol name by the SET, HLD, and
DEL characters, respectively.
The values given for the parameters are the same as
those used during production testing and speed bin-
ning of the devices. The junction temperature and sup-
ply voltage used to characterize the devices are listed
in the delay tables. Actual delays at nominal tempera-
ture and voltage for best-case processes can be much
better than the values given.
It should be noted that the junction temperature used in
the tables is generally 85 °C. The junction temperature
for the FPGA depends on the power dissipated by the
device, the package thermal characteristics (
ΘJA), and
the ambient temperature, as calculated in the following
equation and as discussed further in the Package
Thermal Characteristics Summary section:
TJmax = TAmax + (P •
ΘJA) °C
Note: The user must determine this junction tempera-
ture to see if the delays from
ORCA Foundry
should be derated based on the following derat-
ing tables.
Table 49 and Table 50 provide approximate power sup-
ply and junction temperature derating for OR3LP26B
commercial devices. The delay values in this data
sheet and reported by
ORCA Foundry are shown as
1.00 in the tables. The method for determining the
maximum junction temperature is defined in the Pack-
age Thermal Characteristics section. Taken cumula-
tively, the range of parameter values for best-case vs.
worst-case processing, supply voltage, and junction
temperature can approach three to one.
Table 49. Derating for Commercial Devices (I/O
Supply VDD)
Table 50. Derating for Commercial Devices (I/O
Supply VDD2)
Note: The derating tables shown above are for a typical critical path
that contains 33% logic delay and 66% routing delay. Since the
routing delay derates at a higher rate than the logic delay,
paths with more than 66% routing delay will derate at a higher
rate than shown in the table. The approximate derating values
vs. temperature are 0.26% per °C for logic delay and 0.45%
per °C for routing delay. The approximate derating values vs.
voltage are 0.13% per mV for both logic and routing delays at
25 °C.
TJ
(°C)
Power Supply Voltage
3.0 V
3.3 V
3.6 V
–40
0.82
0.72
0.66
0
0.91
0.80
0.72
25
0.98
0.85
0.77
85
1.00
0.99
0.90
100
1.23
1.07
0.94
125
1.34
1.15
1.01
TJ
(°C)
Power Supply Voltage
2.38 V
2.5 V
2.63 V
–40
0.86
0.71
0.67
0
0.94
0.79
0.73
25
0.99
0.84
0.77
85
1.00
0.99
0.92
100
1.23
1.05
0.96
125
1.33
1.13
1.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com