Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 138 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 138 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 134Page - Agere Systems OR3LP26B Datasheet HTML 135Page - Agere Systems OR3LP26B Datasheet HTML 136Page - Agere Systems OR3LP26B Datasheet HTML 137Page - Agere Systems OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
138
Lucent Technologies Inc.
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 52. General-Purpose Clock Timing Characteristics (Internally Generated Clock)
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
This table represents the delay for an internally generated clock from the clock tree input in one of the four middle PICs (using pSW routing) on
any side of the device which is then distributed to the PFU/PIO clock inputs. If the clock tree input used is located at any other PIC, see the
results reported by
ORCA Foundry.
This clock delay is for a fully routed clock tree that uses the general clock network. The delay will be reduced if any of the clock branches are not
used. See pin-to-pin timing in Table 55 for clock delays of clocks input on general I/O pins.
Table 53. OR3LP26B ExpressCLK to Output Delay (Pin-to-Pin)
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
Timing is without the use of the programmable clock manager (PCM).
This clock delay is for a fully routed clock tree that uses the ExpressCLK network. It includes both the input buffer delay, the clock routing to the
PIO CLK input, the clock
→Q of the FF, and the delay through the output buffer. The given timing requires that the input clock pin be located at
one of the six ExpressCLK inputs of the device, and that a PIO FF be used.
5-4846(F).a
Figure 51. ExpressCLK to Output Delay
Device (TJ = 85 °C, VDD = min)
Symbol
Min
Max
Unit
OR3LP26B
clk_del
—
3.95
ns
Description
(TJ = 85 °C, VDD = min)
Min
Max
Unit
ECLK Middle Input Pin
→OUTPUT Pin (Fast)
—5.82
ns
ECLK Middle Input Pin
→OUTPUT Pin (Slewlim)
—6.61
ns
ECLK Middle Input Pin
→OUTPUT Pin (Sinklim)
—
11.05
ns
Additional Delay if ECLK Corner Pin Used
—
2.2
ns
OUTPUT (50 pF LOAD)
Q
D
ECLK
ECLK
PIO FF
CLKCNTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com