Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 141 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 141 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 137Page - Agere Systems OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 184 page
background image
Lucent Technologies Inc.
141
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 56. OR3LP26B Input to ExpressCLK (ECLK) Fast-Capture Setup/Hold Time (Pin-to-Pin)
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by
ORCA Foundry.
The ECLK delays are to all of the PIOs on one side of the device for middle pin input, or two sides of the device for corner pin input. The delay
includes both the input buffer delay and the clock routing to the PIO clock input.
5-4847(F).b
Figure 54. Input to ExpressCLK Setup/Hold Time
Description
(TJ = 85 °C, VDD = min)
Min
Max
Unit
Input to ECLK Setup Time (middle ECLK pin)
0.97
—
ns
Input to ECLK Setup Time (middle ECLK pin, delayed data input)
9.98
—
ns
Input to ECLK Setup Time (corner ECLK pin)
0.0
—
ns
Input to ECLK Setup Time (corner ECLK pin, delayed data input)
8.11
—
ns
Input to ECLK Hold Time (middle ECLK pin)
0.0
—
ns
Input to ECLK Hold Time (middle ECLK pin, delayed data input)
0.0
—
ns
Input to ECLK Hold Time (corner ECLK pin)
0.0
—
ns
Input to ECLK Hold Time (corner ECLK pin, delayed data input)
0.0
—
ns
Q
D
CLK
INPUT
PIO ECLK LATCH
CLKCNTRL
ECLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com