Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 145 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 145 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems OR3LP26B Datasheet HTML 146Page - Agere Systems OR3LP26B Datasheet HTML 147Page - Agere Systems OR3LP26B Datasheet HTML 148Page - Agere Systems OR3LP26B Datasheet HTML 149Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 184 page
background image
Lucent Technologies Inc.
145
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 62. OR3LP26B Interbuf Delays
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Note: The interbufs are buffers that interface between the FPGA and the ASIC.
Table 63. OR3LP26B FPGA Side Interface Clock to Output Delays, pciclk Synchronous Signals
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Note: The clock to out parameters are measured from the pciclk clock output pin on the FPGA side, excluding the interbufs, which traverse the
ASIC/FPGA boundary. The
ORCA Foundry Static Analysis Tool, Trace, accounts for clock skew and interbuf delays on the clock and data
paths.
Description (TI = 85 °C, VDD = min, VDD2 = min)
Min
Max
Unit
Interbuf from FPGA to ASIC
—
0.592
ns
Interbuf from ASIC to FPGA
—
0.429
ns
Description (TI = 85 °C, VDD = min, VDD2 = min)
Min
Max
Unit
mw_emptyn
—
4.985
ns
mr_fulln
—
4.458
ns
tr_emptyn
—
4.686
ns
tw_fulln
—
4.703
ns
tcmd[3:0]
—
4.345
ns
bar[2:0]
—
4.139
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com