Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 144 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 144 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems OR3LP26B Datasheet HTML 146Page - Agere Systems OR3LP26B Datasheet HTML 147Page - Agere Systems OR3LP26B Datasheet HTML 148Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 184 page
background image
ORCA OR3LP26B FPSC
Data Sheet
Embedded Master/Target PCI Interface
March 2000
144
Lucent Technologies Inc.
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 60. OR3LP26B FPGA to PCI, and PCI to FPGA, Combinatorial Path Delays
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
The FPGA to PCI combinatorial path delays include the ASIC path delay and the output buffer delay under a 10 pF load. They do not include the
interbuf delay on the FPGA side.
The PCI to FPGA combinatorial path delays include the ASIC input buffer delay, and ASIC path delay entering the FPGA. They do not include
the interbuf delay on the FPGA side.
Table 61. OR3LP26B FPGA Side Interface Combinatorial Path Delay Signals
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Note: The combinatorial path parameters are measured from the input to the output (both on the FPGA side), excluding the interbufs, which
traverse the ASIC/FPGA boundary. The
ORCA Foundry Static Analysis Tool, Trace, accounts for clock skew and interbuf delays on the
clock and data paths.
Description (TI = 85 °C, VDD = min, VDD2 = min)
Min
Max
Unit
Source
Destination
pci_intan (FPGA side)
intan (PCI side)
—
4.094
ns
clk (PCI side)
pciclk (FPGA side)
—
3.226
ns
rstn (PCI side)
pci_rstn (FPGA side)
—
1.622
ns
Description (TI = 85 °C, VDD = min, VDD2 = min)
Min
Max
Unit
Source
Destination
fifo_sel
datatofpga[63:0]
—
3.253
ns
fifo_sel
datatofpgax[7:0]
—
2.652
ns
twdataenn
twlastcycn
—
5.220
ns
twdataenn
datatofpga[63:0] (dual-
port mode)
—
6.114
ns
twdataenn
datatofpgax[7:0] (dual-
port mode)
—
5.847
ns
twdataenn
twdata[35:0] (quad-port
mode)
—
6.114
ns
trdataenn
trlastcycn
—
5.558
ns
mrdataenn
mrlastcycn
—
5.237
ns
taenn
twlastcycn
—
5.406
ns
taenn
tstatecntr[2:0]
—
4.767
ns
taenn
datatofpga[63:0] (dual-
port mode)
—
5.944
ns
taenn
datatofpgax[7:0] (dual-
port mode)
—
5.763
ns
taenn
twdata[35:0] (quad-port
mode)
—
5.944
ns
taenn
treqn
—
4.958
ns
maenn
mstatecntr[2:0]
—
5.860
ns
mcmd
mstatecntr[2:0]
—
5.662
ns
tcfgshiftenn
pci_tdfg_stat
—
4.227
ns
mcfgshiftenn
pci_mdfg_stat
—
5.300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com