Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 143 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 143 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems OR3LP26B Datasheet HTML 142Page - Agere Systems OR3LP26B Datasheet HTML 143Page - Agere Systems OR3LP26B Datasheet HTML 144Page - Agere Systems OR3LP26B Datasheet HTML 145Page - Agere Systems OR3LP26B Datasheet HTML 146Page - Agere Systems OR3LP26B Datasheet HTML 147Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 184 page
background image
Lucent Technologies Inc.
143
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Timing Characteristics (continued)
Table 58. OR3LP26B Input to General System Clock (SCLK) Setup/Hold Time (Pin-to-Pin)
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
The pin-to-pin timing parameters in this table should be used instead of results reported by
ORCA Foundry.
This clock delay is for a fully routed clock tree that uses the clock network. It includes both the input buffer delay and the clock routing to the PIO
FF CLK input. The delay will be reduced if any of the clock branches are not used. The given setup (delayed and no delay) and hold (delayed)
timing allows the input clock pin to be located in any PIO on any side of the device, but a PIO FF must be used. The hold (no delay) timing
assumes the clock pin is located at one of the four middle PICs on any side of the device and that a PIO FF is used. If the clock pin is located
elsewhere, then the last parameter in the table must be added to the hold (no delay) timing.
5-4847(F)
Figure 56. Input to System Clock Setup/Hold Time
Table 59. OR3LP26B PCI and FPGA Interface Clock Operation Frequencies
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
* The PCI clock frequency is based on the internal register to register frequency and the 66 MHz PCI I/O specifications.
† The maximum user interface clock frequencies are values based on registering all signals at the FPGA/ASIC boundary. This number will be
lower depending on the design implementation and number of FPGA logic levels into and out of the ASIC.
‡ This is the typical operating frequency for a real design that does not register signals at the FPGA/ASIC boundary.
Description (TJ = 85 °C, VDD = min)
Min
Max
Unit
Input to SCLK Setup Time
0.0
—
ns
Input to SCLK Setup Time (delayed data input)
5.02
—
ns
Input to SCLK Hold Time
5.47
—
ns
Input to SCLK Hold Time (delayed data input)
0.0
—
ns
Additional Hold Time if Non-mid-PIC Used as SCLK Pin (no
delay on data input)
0.83
—
ns
Description (TI = 85 °C, VDD = min, VDD2 = min)
Speed
–8
Unit
Signal
Min
Typ
Max
Clk (PCI clock)
0
66*
66*
MHz
Fclk1 (user interface clock)
0
66†
100‡
MHz
Fclk2 (user interface clock)
0
66†
100‡
MHz
Q
D
SCLK
INPUT
PIO FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com