Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 137 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 137 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 133Page - Agere Systems OR3LP26B Datasheet HTML 134Page - Agere Systems OR3LP26B Datasheet HTML 135Page - Agere Systems OR3LP26B Datasheet HTML 136Page - Agere Systems OR3LP26B Datasheet HTML 137Page - Agere Systems OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems OR3LP26B Datasheet HTML 140Page - Agere Systems OR3LP26B Datasheet HTML 141Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 184 page
background image
Lucent Technologies Inc.
137
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Timing Characteristics (continued)
In addition to supply voltage, process variation, and operating temperature, circuit and process improvements of
the
ORCA Series FPGAs over time will result in significant improvement of the actual performance over those
listed for a speed grade. Even though lower speed grades may still be available, the distribution of yield to timing
parameters may be several speed grades higher than that designated on a product brand. Design practices need
to consider best-case timing parameters (e.g., delays = 0), as well as worst-case timing.
The routing delays are a function of fan-out and the capacitance associated with the CIPs and metal interconnect
in the path. The number of logic elements that can be driven (fan-out) by PFUs is unlimited, although the delay to
reach a valid logic level can exceed timing requirements. It is difficult to make accurate routing delay estimates
prior to design compilation based on fan-out. This is because the CAE software may delete redundant logic
inserted by the designer to reduce fan-out, and/or it may also automatically reduce fan-out by net splitting.
The waveform test points are given in the Input/Output Buffer Measurement Conditions section of this data sheet.
The timing parameters given in the electrical characteristics tables in this data sheet follow industry practices, and
the values they reflect are described below.
Propagation Delay—The time between the specified reference points. The delays provided are the worst case of
the tphh and tpll delays for noninverting functions, tplh and tphl for inverting functions, and tphz and tplz for 3-state
enable.
Setup Time—The interval immediately preceding the transition of a clock or latch enable signal, during which the
data must be stable to ensure it is recognized as the intended value.
Hold Time—The interval immediately following the transition of a clock or latch enable signal, during which the
data must be held stable to ensure it is recognized as the intended value.
3-State Enable—The time from when a 3-state control signal becomes active and the output pad reaches the
high-impedance state.
Clock Timing
Table 51. ExpressCLK (ECLK) and Fast Clock (fclk) Timing Characteristics
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; VDD2 = 2.38 V to 2.63 V, 0 °C < TA < 70 °C.
Notes:
The ECLK delays are to all of the PICs on one side of the device for middle pin input, or two sides of the device for corner pin input. The delay
includes both the input buffer delay and the clock routing to the PIC clock input.
The fclk delays are for a fully routed clock tree that uses the ExpressCLK input into the fast clock network. It includes both the input buffer delay
and the clock routing to the PFU CLK input. The delay will be reduced if any of the clock branches are not used.
Device
(TJ = 85 °C, VDD = min)
Symbol
Min
Max
Unit
ECLK Delay (middle pad)
eclkm_del
—
1.99
ns
ECLK Delay (corner pad)
eclkc_del
—
4.20
ns
fclk Delay (middle pad)
fclkm_del
—
5.24
ns
fclk Delay (corner pad)
fclkc_del
—
7.46
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com