Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 133 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 133 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 129Page - Agere Systems OR3LP26B Datasheet HTML 130Page - Agere Systems OR3LP26B Datasheet HTML 131Page - Agere Systems OR3LP26B Datasheet HTML 132Page - Agere Systems OR3LP26B Datasheet HTML 133Page - Agere Systems OR3LP26B Datasheet HTML 134Page - Agere Systems OR3LP26B Datasheet HTML 135Page - Agere Systems OR3LP26B Datasheet HTML 136Page - Agere Systems OR3LP26B Datasheet HTML 137Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 184 page
background image
Lucent Technologies Inc.
133
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Powerup Sequencing for Series OR3LP26B Device
ORCA Series OR3LP26B device use two power supplies: one to power the device I/Os and the ASIC core (VDD)
which is set to 3.3 V for 3.3 V operation and 5 V tolerance, and another supply for the internal FPGA logic (VDD2)
which is set to 2.5 V. It is understood that many users will derive the 2.5 V core logic supply from a 3.3 V power
supply, so the following recommendations are made as to the powerup sequence of the supplies and allowable
delays between power supplies reaching stable voltages.
In general, both the 3.3 V and the 2.5 V supplies should ramp-up and become stable as close together in time as
possible. There is no delay requirement if the VDD2 (2.5 V) supply becomes stable prior to the VDD (3.3 V) supply.
There is a delay requirement imposed if the VDD supply becomes stable prior to the VDD2 supply.
The requirement is that the VDD2 (2.5 V) supply transition from 0 V to 2.3 V within 15.7 ms if the VDD (3.3 V) supply
is already stable at a minimum of 3.0 V. If the VDD supply has not yet reached 3.0 V when the VDD2 supply has
reached 2.3 V, then the requirement is that the VDD2 supply reach a minimum of 2.3 V within 15.7 ms of when the
VDD supply reaches 3.0 V.
If the chosen power supplies cannot meet this delay requirement, it is always possible to hold-off configuration of
the FPGA by asserting INIT or PRGM until the VDD2 supply has reached 2.3 V. This process eliminates any power
supply sequencing issues.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of this data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
The
ORCA Series 3+ FPSCs include circuitry designed to protect the chips from damaging substrate injection cur-
rents and to prevent accumulations of static charge. Nevertheless, conventional precautions should be observed
during storage, handling, and use to avoid exposure to excessive electrical stress.
Table 46. Absolute Maximum Ratings
Note: For PCI bus signals used for 5 V signaling and FPGA inputs used as 5 V tolerant, the maximum value is 5.8 V.
Parameter
Symbol
Min
Max
Unit
Storage Temperature
Tstg
–65
150
°C
I/O and ASIC Supply Voltage with Respect to
Ground
VDD
—
≤4.2
V
Internal FPGA Supply Voltage with Respect
to Ground
VDD2—
≤3.2
V
Input Signal with Respect to Ground
CMOS Inputs
5 V Tolerant Inputs
—
—
–0.5
–0.5
VDD + 0.3
5.8
V
V
Signal Applied to High-impedance Output
—
–0.5
VDD + 0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com