Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3LP26B Datasheet(PDF) 135 Page - Agere Systems

Part # OR3LP26B
Description  Field-Programmable System Chip (FPSC) Embedded Master/Target PCI Interface
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3LP26B Datasheet(HTML) 135 Page - Agere Systems

Back Button OR3LP26B Datasheet HTML 131Page - Agere Systems OR3LP26B Datasheet HTML 132Page - Agere Systems OR3LP26B Datasheet HTML 133Page - Agere Systems OR3LP26B Datasheet HTML 134Page - Agere Systems OR3LP26B Datasheet HTML 135Page - Agere Systems OR3LP26B Datasheet HTML 136Page - Agere Systems OR3LP26B Datasheet HTML 137Page - Agere Systems OR3LP26B Datasheet HTML 138Page - Agere Systems OR3LP26B Datasheet HTML 139Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 184 page
background image
Lucent Technologies Inc.
135
Data Sheet
ORCA OR3LP26B FPSC
March 2000
Embedded Master/Target PCI Interface
Lucent Technologies Inc.
Electrical Characteristics
Table 48. Electrical Characteristics
OR3LP26B Commercial: VDD = 3.0 V to 3.6 V, VDD2 = 2.38 V to 2.63 V, 0 °C
< TA < 70 °C.
* On the Series 3 devices, the pull-up resistor will externally pull the pin to a level 1.0 V below VDD.
Parameter
Symbol
Test Conditions
OR3LP26B
Unit
Min
Max
Input Voltage:
High
Low
VIH
VIL
Input configured as CMOS
(clamped to VDD)
50% VDD
GND – 0.5
VDD + 0.3
30% VDD
V
V
Input Voltage:
High
Low
VIH
VIL
Input configured as TTL
(5 V tolerant)
50% VDD
GND – 0.5
5.8 V
30% VDD
V
V
Output Voltage:
High
Low
VOH
VOL
VDD = min, IOH = 6 mA or 3 mA
VDD = min, IOL = 12 mA or 6 mA
2.4
—
—
0.4
V
V
Input Leakage Current
IL
VDD = max, VIN = VSS or VDD
–10
10
µA
Standby Current
IDDSB
(TA = 25 °C, VDD = 3.3 V, VDD2 = 2.5 V)
internal oscillator running, no output loads,
inputs at VDD or GND
(after configuration)
—TBD
mA
Standby Current
IDDSB
(TA = 25 °C, VDD = 3.3 V, VDD2 = 2.5 V)
internal oscillator stopped, no output loads,
inputs at VDD or GND
(after configuration)
—TBD
mA
Data Retention VoltageVDR
TA = 25 °C
TBD
—
V
Powerup Current
IPP
Power supply current at approximately
1 V, within a recommended power supply
ramp rate of 1 ms—200 ms
TBD
—
mA
Input Capacitance
CIN
TA = 25 °C,
VDD = 3.3 V, VDD2 = 2.5 V
Test frequency = 1 MHz
—8
pF
Output Capacitance
COUT
TA = 25 °C,
VDD = 3.3 V, VDD2 = 2.5 V
Test frequency = 1 MHz
—8
pF
DONE Pull-up Resistor*
RDONE
—
100
—
k
Ω
M[3:0] Pull-up Resistors*
RM
—
100
—
k
Ω
I/O Pad Static Pull-up
Current*
IPU
VDD = 3.6 V,
VIN = VSS, TA = 0 °C
14.4
50.9
µA
I/O Pad Static
Pull-down Current
IPD
VDD = 3.6 V,
VIN = VSS, TA = 0 °C
26
103
µA
I/O Pad Pull-up Resistor*
RPU
VDD = all, VIN = VSS, TA = 0 °C
100
—
k
Ω
I/O Pad Pull-down
Resistor
RPD
VDD = all, VIN = VDD, TA = 0 °C
50
—
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com