Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 189 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 189 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 185Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 186Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 187Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 188Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 189Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 190Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 221 page
background image
AC250V(r.m.s.) Type (Which Meet Japanese Law) Specifications and Test Methods
Continued on the following page.
* "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Solder the capacitor to the test jig (glass epoxy board).
The capacitor should be subjected to a simple harmonic motion
having a total amplitude of 1.5mm, the frequency being varied
uniformly between the approximate limits of 10 and 55Hz. The
frequency range, from 10 to 55Hz and return to 10Hz, should be
traversed in approximately 1 min. This motion should be applied
for a period of 2 hrs. in each of 3 mutually perpendicular
directions (total of 6 hrs.).
11
Vibration
Resistance
Appearance
No defects or abnormalities
Capacitance
Within the specified tolerance
D.F.
0.025 max.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 1.
Then apply 10N force in the direction of the arrow. The soldering
should be done using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
Fig. 1
10
Adhesive Strength
of Termination
No removal of the terminations or other defects should occur.
As in Fig., discharge is made 50 times at 5 sec. intervals from
the capacitor (Cd) charged at DC voltage of specified.
Ct: Capacitor under test
Cd: 0.001
µF
R1: 1,000
Ω R2: 100MΩ R3: Surge resistance
9
Discharge
Test
(Application:
Nominal
Capacitance
C
F10,000pF)
Appearance
No defects or abnormalities
The capacitance measurement should be made at each step
specified in the Table.
#Pretreatment
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*
8
Capacitance
Temperature
Characteristics
Cap. Change
Within
T15%
(Temp. Range:
Y55 to W125D)
7
Dissipation
Factor (D.F.)
0.025 max.
The capacitance/D.F. should be measured at a frequency of
1
T0.2kHz and a voltage of AC1T0.2V (r.m.s.)
6
Capacitance
Within the specified tolerance
The insulation resistance should be measured with DC500
T50V
and within 60
T5 sec. of charging.
5
Insulation Resistance
(I.R.)
More than 2,000M
Ω
No failure should be observed when voltage in the table is
applied between the terminations for 60
T1 sec., provided the
charge/discharge current is less than 50mA.
4
Dielectric Strength
No defects or abnormalities
Using calipers and micrometers
3
Dimensions
Within the specified dimensions
Visual inspection
2
Appearance
No defects or abnormalities
Y
1
Operating
Temperature Range
Y55 to W125D
No.
Test Method
Specifications
Item
Nominal Capacitance
Test Voltage
AC575V (r.m.s.)
AC1500V (r.m.s.)
C
U10,000pF
C
F10,000pF
Step
Temperature (
D)
25
T2
Min. Operating Temp.
T3
25
T2
Max. Operating Temp.
T2
25
T2
1
2
3
4
5
10N, 10
T1s
Glass Epoxy Board
Solder resist
Cu
Glass Epoxy Board
R3
R1
R2
Ct
Cd
10kV
V
GA2 Series Specifications and Test Methods
188
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com