Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 192 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 192 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 188Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 189Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 190Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 221 page
background image
191
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
Safety Standard Certified GA3 Series UL, IEC60384-14 Class X1/Y2 Type GC
s Features
1. Chip monolithic ceramic capacitor (certified as
conforming to safety standards) for AC lines.
2. A new monolithic structure for small, high
capacitance capable of operating at high voltage
levels.
3. Compared to lead type capacitors, this new
capacitor is greatly downsized and low-profiled to
1/10 or less in volume, and 1/4 or less in height.
4. Type GC can be used as an X1-class and Y2-class
capacitor, line-by-pass capacitor of UL1414.
5. +125 degree C guaranteed
6. Only for reflow soldering
s Applications
1. Ideal for use as Y capacitor or X capacitor for
various switching power supplies
2. Ideal for modem applications
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
Part Number
LT
W
Dimensions (mm)
g min.
e min.
2.0
±0.3
GA355D
5.7
±0.4
4.0
0.3
5.0
±0.4
L
W
e
e
g
s Standard Certification
Standard No.
Rated Voltage
Class
Line By-pass
UL
VDE
BSI
SEMKO
ESTI
UL1414
IEC 60384-14
EN 60384-14
EN 60065 (14.2)
IEC 60384-14
EN 60384-14
IEC 60384-14
EN 60384-14
EN 60065
IEC 60384-14
AC250V
(r.m.s.)
X1, Y2
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GA355DR7GC101KY02L
AC250 (r.m.s.)
X7R (EIA)
100
±10%
5.7
5.0
2.0
4.0
0.3 min.
GA355DR7GC151KY02L
AC250 (r.m.s.)
X7R (EIA)
150
±10%
5.7
5.0
2.0
4.0
0.3 min.
GA355DR7GC221KY02L
AC250 (r.m.s.)
X7R (EIA)
220
±10%
5.7
5.0
2.0
4.0
0.3 min.
GA355DR7GC331KY02L
AC250 (r.m.s.)
X7R (EIA)
330
±10%
5.7
5.0
2.0
4.0
0.3 min.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com