Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 191 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 191 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 187Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 188Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 189Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 190Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 221 page
background image
AC250V(r.m.s.) Type (Which Meet Japanese Law) Specifications and Test Methods
Continued from the preceding page.
* "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Apply the rated voltage at 40
T2D and relative humidity of 90 to
95% for 500
W24
Y 0
hrs.
Remove and let sit for 24
T2 hrs. at room condition,* then
measure.
#Pretreatment
Apply test voltage for 60
T5 min. at test temperature.
Remove and let sit for 24
T2 hrs. at room condition.*
19
Humidity
Loading
Appearance
No marking defects
Capacitance
Change
Within
T15%
D.F.
0.05 max.
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
Apply voltage and time as in Table at maximum operating
temperature
T3D. Remove and let sit for 24T2 hrs. at room
condition,* then measure. The charge / discharge current is
less than 50mA.
* Except that once each hour the voltage is increased to
AC1,000V (r.m.s.) for 0.1 sec.
#Pretreatment
Apply test voltage for 60
T5 min. at test temperature.
Remove and let sit for 24
T2 hrs. at room condition.*
18
Life
Appearance
No marking defects
Capacitance
Change
Within
T20%
D.F.
0.05 max.
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
Let the capacitor sit at 40
T2D and relative humidity of 90 to 95%
for 500
W24
Y 0
hrs.
Remove and let sit for 24
T2 hrs. at room condition,* then
measure.
#Pretreatment
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*
17
Humidity
(Steady
State)
Appearance
No marking defects
Capacitance
Change
Within
T15%
D.F.
0.05 max.
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
No.
Test Method
Specifications
Item
Nominal Capacitance
Test Time
1,000
W48
Y
0
hrs.
1,500
W48
Y 0
hrs.
Test Voltage
AC300V (r.m.s.)
AC500V (r.m.s.)
*
C
U10,000pF
C
F10,000pF
GA2 Series Specifications and Test Methods
190
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com