Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 193 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 193 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 189Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 190Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 195Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 196Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 197Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 221 page
background image
192
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Chip Monolithic Ceramic Capacitors
Safety Standard Certified GA3 Series IEC60384-14 Class Y2, X1/Y2 Type GF
s Features
1. Available for equipment based on IEC/EN60950
and UL1950. Besides, the GA352/355 types are
available for equipment based on IEC/EN60065,
UL1492, and UL6500.
2. Type GF can be used as a Y2-class capacitor.
3. A new monolithic structure for small, high
capacitance capable of operating at high voltage
levels.
4. +125 degree C guaranteed
5. Only for reflow soldering
s Applications
1. Ideal for use on line filters and couplings for
DAA modems without transformers
2. Ideal for use on line filters for information
equipment
3. Ideal for use as Y capacitor or X capacitor for
various switching power supplies (GA352/355 types
only)
Do not use these products in any Automotive
Power train or Safety equipment including Battery
chargers for Electric Vehicles and Plug-in Hybrids.
Only Murata products clearly stipulated as
"for Automotive use" can be used for automobile
applications such as Power train and Safety equipment.
Part Number
LT
W
Dimensions (mm)
g min.
e min.
1.0 +0, -0.3
2.0
±0.2
1.5 +0, -0.3
GA342A
GA342D
GA342Q
GA352Q
GA355D
GA355Q
4.5
±0.3
2.5
4.0
0.3
2.0
±0.2
5.7
±0.4
2.8
±0.3
5.0
±0.4
1.5 +0, -0.3
2.0 +0, -0.3
1.5 +0, -0.3
L
W
e
e
g
s Standard Certification
Y
Y
Y
Y
UL
VDE
SEMKO
Status of Certification
Rated
Voltage
Standard
No.
Applications
Class
UL1414
UL 60950-1
IEC 60384-14
EN 60384-14
X1, Y2
Y
X1, Y2
Y2
AC250V
(r.m.s.)
Size : 4.5
×2.0mm
Size : 5.7
×2.8mm
and over
Communication
network devices
such as a modem
Size
Switching power
supplies
4.5
×2.0mm
5.7
×2.8mm and over
Part Number
Rated Voltage
(V)
TC Code
(Standard)
Capacitance
(pF)
Length L
(mm)
Width W
(mm)
Thickness T
(mm)
Electrode g
min.
(mm)
Electrode e
(mm)
GA342D1XGF100JY02L
AC250 (r.m.s.)
SL (JIS)
10
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGF120JY02L
AC250 (r.m.s.)
SL (JIS)
12
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGF150JY02L
AC250 (r.m.s.)
SL (JIS)
15
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGF180JY02L
AC250 (r.m.s.)
SL (JIS)
18
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342D1XGF220JY02L
AC250 (r.m.s.)
SL (JIS)
22
±5%
4.5
2.0
2.0
2.5
0.3 min.
GA342A1XGF270JW31L
AC250 (r.m.s.)
SL (JIS)
27
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGF330JW31L
AC250 (r.m.s.)
SL (JIS)
33
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGF390JW31L
AC250 (r.m.s.)
SL (JIS)
39
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGF470JW31L
AC250 (r.m.s.)
SL (JIS)
47
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGF560JW31L
AC250 (r.m.s.)
SL (JIS)
56
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGF680JW31L
AC250 (r.m.s.)
SL (JIS)
68
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342A1XGF820JW31L
AC250 (r.m.s.)
SL (JIS)
82
±5%
4.5
2.0
1.0
2.5
0.3 min.
GA342QR7GF101KW01L
AC250 (r.m.s.)
X7R (EIA)
100
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342QR7GF151KW01L
AC250 (r.m.s.)
X7R (EIA)
150
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA342DR7GF221KW02L
AC250 (r.m.s.)
X7R (EIA)
220
±10%
4.5
2.0
2.0
2.5
0.3 min.
GA342DR7GF331KW02L
AC250 (r.m.s.)
X7R (EIA)
330
±10%
4.5
2.0
2.0
2.5
0.3 min.
GA342QR7GF471KW01L
AC250 (r.m.s.)
X7R (EIA)
470
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA352QR7GF471KW01L
AC250 (r.m.s.)
X7R (EIA)
470
±10%
5.7
2.8
1.5
4.0
0.3 min.
GA342QR7GF681KW01L
AC250 (r.m.s.)
X7R (EIA)
680
±10%
4.5
2.0
1.5
2.5
0.3 min.
GA352QR7GF681KW01L
AC250 (r.m.s.)
X7R (EIA)
680
±10%
5.7
2.8
1.5
4.0
0.3 min.
GA342DR7GF102KW02L
AC250 (r.m.s.)
X7R (EIA)
1000
±10%
4.5
2.0
2.0
2.5
0.3 min.
GA352QR7GF102KW01L
AC250 (r.m.s.)
X7R (EIA)
1000
±10%
5.7
2.8
1.5
4.0
0.3 min.
Continued on the following page.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com