Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GRJ552B11H102KA01D Datasheet(PDF) 190 Page - Murata Manufacturing Co., Ltd.

Part # GRJ552B11H102KA01D
Description  Chip Monolithic Ceramic Capacitors
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRJ552B11H102KA01D Datasheet(HTML) 190 Page - Murata Manufacturing Co., Ltd.

Back Button GRJ552B11H102KA01D Datasheet HTML 186Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 187Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 188Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 189Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 190Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 191Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 192Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 193Page - Murata Manufacturing Co., Ltd. GRJ552B11H102KA01D Datasheet HTML 194Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 221 page
background image
AC250V(r.m.s.) Type (Which Meet Japanese Law) Specifications and Test Methods
Continued from the preceding page.
Continued on the following page.
* "Room condition" Temperature: 15 to 35
D, Relative humidity: 45 to 75%, Atmospheric pressure: 86 to 106kPa
Fix the capacitor to the supporting jig (glass epoxy board) shown
in Fig. 4.
Perform the 5 cycles according to the 4 heat treatments listed in
the following table.
Let sit for 24
T2 hrs. at room condition,* then measure.
#Pretreatment
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*
Fig. 4
16
Temperature
Cycle
Appearance
No marking defects
Capacitance
Change
Within
T15%
D.F.
0.05 max.
I.R.
More than 2,000M
Ω
Dielectric
Strength
In accordance with item No.4
Preheat the capacitor as in table.
Immerse the capacitor in solder solution at 260
T5D for 10T1
sec. Let sit at room condition* for 24
T2 hrs., then measure.
#Immersing speed: 25T2.5mm/s
#Pretreatment
Perform a heat treatment at 150
W 0
Y10
D for 60T5 min. and then
let sit for 24
T2 hrs. at room condition.*
*Preheating
15
Resistance
to Soldering
Heat
Appearance
No marking defects
Capacitance
Change
Within
T10%
D.F.
0.025 max.
I.R.
More than 2,000M
Ω
Dielectric
Strength
In accordance with item No.4
The capacitor should be subjected to 40
T2D, relative humidity of
90 to 98% for 8 hrs., and then removed in room condition* for 16
hrs. until 5 cycles.
14
Humidity
Insulation
Appearance
No marking defects
Capacitance
Change
Within
T15%
D.F.
0.05 max.
I.R.
More than 1,000M
Ω
Dielectric
Strength
In accordance with item No.4
Immerse the capacitor in a solution of ethanol (JIS-K-8101) and
rosin (JIS-K-5902) (25% rosin in weight proportion).
Immerse in solder solution for 2
T0.5 sec.
Immersing speed: 25
T2.5mm/s
Temp. of solder: 245
T5°C Lead Free Solder (Sn-3.0Ag-0.5Cu)
235
T5°C H60A or H63A Eutectic Solder
13
Solderability of
Termination
75% of the terminations are to be soldered evenly and continuously.
Solder the capacitor to the testing jig (glass epoxy board) shown
in Fig. 2.
Then apply a force in the direction shown in Fig. 3. The soldering
should be done using the reflow method and should be
conducted with care so that the soldering is uniform and free of
defects such as heat shock.
Fig. 3
12
Deflection
No marking defects
Fig. 2
No.
Test Method
Specifications
Item
L
ZW
(mm)
a
Dimension (mm)
3.5
3.5
4.5
b
7.0
7.0
8.0
c
2.4
3.7
5.6
d
1.0
4.5
Z2.0
4.5
Z3.2
5.7
Z5.0
Step
Temperature
100 to 120
D
170 to 200
D
Time
1 min.
1 min.
1
2
Step
Temperature (
D)
Min. Operating Temp.
T3
Room Temp.
Max. Operating Temp.
T2
Room Temp.
Time (min.)
30
T3
2 to 3
30
T3
2 to 3
1
2
3
4
Solder resist
Cu
Glass Epoxy Board
b
a
c
100
φ4.5
t : 1.6
d
Capacitance meter
Flexure=1
(in mm)
20 50
R230
45
45
Pressurizing
speed: 1.0mm/s
Pressurize
GA2 Series Specifications and Test Methods
189
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
C02E.pdf
10.12.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com