Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 202 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 202 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 198Page - Advanced Micro Devices AM79C970A Datasheet HTML 199Page - Advanced Micro Devices AM79C970A Datasheet HTML 200Page - Advanced Micro Devices AM79C970A Datasheet HTML 201Page - Advanced Micro Devices AM79C970A Datasheet HTML 202Page - Advanced Micro Devices AM79C970A Datasheet HTML 203Page - Advanced Micro Devices AM79C970A Datasheet HTML 204Page - Advanced Micro Devices AM79C970A Datasheet HTML 205Page - Advanced Micro Devices AM79C970A Datasheet HTML 206Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 219 page
background image
B-1
Am79C970A
Recommendation for Power and Ground
Decoupling
APPENDIX B
The mixed analog/digital circuitry in the PCnet-PCI II
make it imperative to provide noise-free power and
ground connections to the device. Without clean power
and ground connections, a design may suffer from high
bit error rates or may not function at all. Hence, it is
highly recommended that the guidelines presented here
are followed to ensure a reliable design.
Decoupling/Bypass Capacitors: Adequate decoupling
of the power and ground pins and planes is required by
all PCnet-PCI II designs. This includes both low-fre-
quency bulk capacitors and high frequency capacitors.
It is recommended that at least one low-frequency bulk
(e.g. 22
µF) decoupling capacitor be used in the area of
the PCnet-PCI II device. The bulk capacitor(s) should be
connected directly to the power and ground planes. In
addition, at least 8 high frequency decoupling capaci-
tors (e.g. 0.1
µF multilayer ceramic capacitors) should
be used around the periphery of the PCnet-PCI II device
to prevent power and ground bounce from affecting de-
vice operation. To reduce the inductance between the
power and ground pins and the capacitors, the pins
should be connected directly to the capacitors, rather
than through the planes to the capacitors. The sug-
gested connection scheme for the capacitors is shown
in the figure below. Note also that the traces connecting
these pins to the capacitors should be as wide as possi-
ble to reduce inductance (15 mils is desirable).
19436A-57
VDD/VDDB
VSS/VSSB
C
A
P
PCnet
VDD/VDDB
VSS/VSSB
C
A
P
PCnet
C
A
P
PCnet
Correct
Correct
Incorrect
Via to the Power Plane
Via to the Ground Plane
VDD/VDDB
VSS/VSSB
The most critical pins in the layout of a PCnet-PCI II
design are the 4 analog power and 2 analog ground
pins, AVDD[1–4] and AVSS[1–2], respectively. All of
these pins are located in one corner of the device, the
“analog
corner.”
Specific
functions
and
layout
requirements of the analog power and ground pins are
given below.
AVSS1 and AVDD3: These pins provide the power and
ground for the Twisted Pair and AUI drivers. In addition
AVSS1 serves as the ground for the logic interfaces in
the 20 MHz Crystal Oscillator. Hence, these pins can be
very noisy. A dedicated 0.1
µF capacitor between these
pins is recommended.
AVSS2 and AVDD2: These pins are the most critical
pins on the PCnet-PCI II device because they provide
the power and ground for the phase-lock loop (PLL) por-
tion of the chip. The voltage-controlled oscillator (VCO)
portion of the PLL is sensitive to noise in the
60 kHz – 200 kHz. range. To prevent noise in this
frequency range from disrupting the VCO, it is strongly
recommended that the low-pass filter shown below be
implemented on these pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com