Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 204 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 204 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 200Page - Advanced Micro Devices AM79C970A Datasheet HTML 201Page - Advanced Micro Devices AM79C970A Datasheet HTML 202Page - Advanced Micro Devices AM79C970A Datasheet HTML 203Page - Advanced Micro Devices AM79C970A Datasheet HTML 204Page - Advanced Micro Devices AM79C970A Datasheet HTML 205Page - Advanced Micro Devices AM79C970A Datasheet HTML 206Page - Advanced Micro Devices AM79C970A Datasheet HTML 207Page - Advanced Micro Devices AM79C970A Datasheet HTML 208Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 219 page
background image
C-1
Am79C970A
Alternative Method for Initialization
APPENDIX C
The PCnet-PCI II controller may be initialized by per-
forming I/O writes only. That is, data can be written di-
rectly to the appropriate control and status registers
(CSR instead of reading from the initialization Block in
memory). The registers that must be written are shown
in the table below. These register writes are followed by
writing the START bit in CSR0.
Control and Status Register
Comment
CSR2
IADR[31:16]*
CSR8
LADRF[15:0]
CSR9
LADRF[31:16]
CSR10
LADRF[47:32]
CSR11
LADRF[63:48]
CSR12
PADR[15:0]
CSR13
PADR[31:16]
CSR14
PADR[47:32]
CSR15
Mode
CSR24-25
BADR
CSR30-31
BADX
CSR47
POLLINT
CSR76
RCVRL
CSR78
XMTRL
Note:
1. The INIT bit must not be set or the initialization block will be accessed instead.
*
Needed only if SSIZE32 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com