Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 217 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 217 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 211Page - Advanced Micro Devices AM79C970A Datasheet HTML 212Page - Advanced Micro Devices AM79C970A Datasheet HTML 213Page - Advanced Micro Devices AM79C970A Datasheet HTML 214Page - Advanced Micro Devices AM79C970A Datasheet HTML 215Page - Advanced Micro Devices AM79C970A Datasheet HTML 216Page - Advanced Micro Devices AM79C970A Datasheet HTML 217Page - Advanced Micro Devices AM79C970A Datasheet HTML 218Page - Advanced Micro Devices AM79C970A Datasheet HTML 219Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 217 / 219 page
background image
AMD
E-3
Am79C970A
s New bit: MPMODE (bit 1), Magic Packet Mode.
Was reserved location, read and written as ZERO.
s New bit: SPND (bit 0), Suspend. Was reserved
location, read and written as ZERO.
CSR15: Mode
s PORTSEL (bits 8–7), Network Port Select. New
option, value of 10b selects GPSI mode.
CSR58: Software Style
s New bit: APERREN (bit 10), Advanced Parity Error
Handling Enable. Was reserved location, read and
written as ZERO.
s SWSTYLE (bits 7–0), Software Style. New option,
value of THREE selects new PCnet-PCI controller
style that reorders 32-bit descriptor entries to allow
burst accesses.
CSR80: DMA Transfer Counter and FIFO
Threshold Control
s RCVFW (bits 13–12), Receive FIFO Watermark.
Decoding adjusted for the larger FIFO size.
s XMTSP (bits 11–10), Transmit Start Point. Decod-
ing adjusted for the larger FIFO size.
s XMTFW (bits 9–8), Transmit FIFO Watermark. De-
coding adjusted for the larger FIFO size.
s DMATC (bits 7–0), DMA Transfer Count.
Function of the counter is optimized for the PCI
bus environment.
CSR82: Bus Activity Timer
s DMABAT (bits 15–0), DMA Bus Activity Timer.
Function of the counter is optimized for the PCI
bus environment.
CSR88: Chip ID Lower
s New value: 1003h. Was 0003h.
CSR89: Chip ID Upper
s New value : 0262h. Was 0243h.
CSR100: Bus Timeout
s Default value now 0600h (153.6
µs) to adjust to
the larger FIFO size. Default value was 0200h
(51.2
µs).
CSR112: Missed Frame Count
s Counter is stopped while the device is in
suspend mode
Bus Configuration Registers
BCR2: Miscellaneous Configuration
s New bit: INTLEVEL (bit 7), Interrupt Level. Was
reserved location, read and written as ZERO.
s New bit: DXCVRCTL (bit 5), DXCVR Control. Was
reserved location, read and written as ZERO.
s New bit: DXCVRPOL (bit 4), DXCVR Polarity. Was
reserved location, read and written as ZERO.
s New bit: EADISEL (bit 3), EADI Select. Was re-
served location, read and written as ZERO.
BCR4: Link Status LED
s Register is now programmable through
the EEPROM
s New bit: MPSE (bit 9), Magic Packet Status En-
able. Was reserved location, read and written as
ZERO.
s New bit: FDLSE (bit 8), Full Duplex Link Status
Enable. Was reserved location, read and written as
ZERO.
s COLE (bit 0), Collision Status Enable. Corrected
behavior of function. LED will not light up due to
SQE test collision signal.
BCR5: LED1 Status
s Register is now programmable through the
EEPROM
s New bit: MPSE (bit 9), Magic Packet Status En-
able. Was reserved location, read and written as
ZERO.
s New bit: FDLSE (bit 8), Full Duplex Link Status
Enable. Was reserved location, read and written as
ZERO.
s COLE (bit 0), Collision Status Enable. Corrected
behavior of function. LED will not light up due to
SQE test collision signal.
BCR6: LED2 Status
s New register. Was reserved location, the settings
of the register have no effect on the operation of
the device.
BCR7: LED3 Status
s Register is now programmable through
the EEPROM
s New bit: MPSE (bit 9), Magic Packet Status En-
able. Was reserved location, read and written as
ZERO.
s New bit: FDLSE (bit 8), Full Duplex Link Status
Enable. Was reserved location, read and written as
ZERO.
s COLE (bit 0), Collision Status Enable. Corrected
behavior of function. LED will not light up due to
SQE test collision signal.
BCR9: Full Duplex Control
s New register. Was reserved location, read and
written as ZERO.
BCR16: I/O Base Address Lower
s This register is no longer programmable through
the EEPROM. The register is reserved and has no
effect on the operation of the device. It is only used
in the PCnet-32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com