Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 218 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 218 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 211Page - Advanced Micro Devices AM79C970A Datasheet HTML 212Page - Advanced Micro Devices AM79C970A Datasheet HTML 213Page - Advanced Micro Devices AM79C970A Datasheet HTML 214Page - Advanced Micro Devices AM79C970A Datasheet HTML 215Page - Advanced Micro Devices AM79C970A Datasheet HTML 216Page - Advanced Micro Devices AM79C970A Datasheet HTML 217Page - Advanced Micro Devices AM79C970A Datasheet HTML 218Page - Advanced Micro Devices AM79C970A Datasheet HTML 219Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 218 / 219 page
background image
AMD
E-4
Am79C970A
BCR17: I/O Base Address Upper
s This register is no longer programmable through
the EEPROM. The register is reserved and has no
effect on the operation of the device. It is only used
in the PCnet-32.
BCR18: Burst Size and Bus Control
s New bits: ROMTMG (bits 15–12), Expansion ROM
Timing. Was reserved location, read and written as
ZERO.
s New bit: MEMCMD (bit 9), Memory Command.
Was reserved location, read and written as ZERO.
s New bit: EXTREQ (bit 8), Extended Request. Was
reserved location, read and written as ONE.
s BREADE (bit 6), Burst Read Enable. Extended
functionality of bit. Besides enabling burst read
accesses to the transmit buffer, BREADE will now
also enable burst read accesses to the initialization
block and, if SWSTYLE = 3, to the descriptor
ring entries.
s BWRITE (bit 5), Burst Write Enable. Extended
functionality of bit. Besides enabling burst write
accesses to the receive buffer, BWRITE will now
also enable burst write accesses to the descriptor
ring entries, if SWSTYLE = 3.
s LINBC (bits 2–0), Linear Burst Count. These bits
are now reserved and have no effect on the opera-
tion of the device.
BCR20: Software Style
s New bit: APERREN (bit 10), Advanced Parity Error
Handling Enable. Was reserved location, read and
written as ZERO.
s SWSTYLE (bits 7–0), Software Style. New option,
value of THREE selects new PCnet-PCI controller
style that reorders 32-bit descriptor entries to allow
burst accesses.
BCR21: Interrupt Control
s This register is no longer programmable through
the EEPROM. The register is reserved and has no
effect on the operation of the device. It is only used
in the PCnet-32.
BCR22: PCI Latency
s New register. Was reserved location, read and
written as ZERO.
Receive Descriptor
RMD1
s New bit: BPE (bit 23), Bus Parity Error. This bit is
active only if 32-bit software structures are used
for the descriptor ring entries (SWSTYLE = ONE,
TWO or THREE) and if APERREN (BCR20, bit 10)
is set to ONE. Was reserved location, read and
written as ZERO.
s New bit: PAM (bit 22), Physical Address Match.
This bit is active only if 32-bit software structures
are used for the descriptor ring entries (SWSTYLE
= ONE, TWO or THREE). Was reserved location,
read and written as ZERO.
s New bit: LAFM (bit 21), Logical Address Filter
Match. This bit is active only if 32-bit software
structures are used for the descriptor ring entries
(SWSTYLE = ONE, TWO or THREE). Was re-
served location, read and written as ZERO.
s New bit: BAM (bit 20), Broadcast Address Match.
This bit is active only if 32-bit software struc-
tures are used for the descriptor ring entries
(SWSTYLE = ONE, TWO or THREE). Was re-
served location, read and written as ZERO.
Transmit Descriptor
TMD1
s New bit: LTINT (bit 28), Last Transmit Interrupt.
This bit is only active, if LTINTEN (CSR5, bit 14) is
set to ONE. This bit location is shared with the
MORE status bit. The host will write the bit as
LTINT and read it as MORE. The P2 will read the
bit as LTINT and write it as MORE.
s New bit: BPE (bit 23), Bus Parity Error. This bit is
only active, if 32-bit software structures are used
for the descriptor ring entries (SWSTYLE = ONE,
TWO or THREE) and if APERREN (BCR20, bit 10)
is set to ONE. Was reserved location, read and
written as ZERO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com