Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 149 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 149 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 145Page - Advanced Micro Devices AM79C970A Datasheet HTML 146Page - Advanced Micro Devices AM79C970A Datasheet HTML 147Page - Advanced Micro Devices AM79C970A Datasheet HTML 148Page - Advanced Micro Devices AM79C970A Datasheet HTML 149Page - Advanced Micro Devices AM79C970A Datasheet HTML 150Page - Advanced Micro Devices AM79C970A Datasheet HTML 151Page - Advanced Micro Devices AM79C970A Datasheet HTML 152Page - Advanced Micro Devices AM79C970A Datasheet HTML 153Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 219 page
background image
P R E L I M I N A R Y
AMD
149
Am79C970A
the LEDOUT signal whenever
the Link Test Function detects a
Link Pass state and the FDEN
(BCR9, bit 0) bit is set. When the
AUI port is active, a value of ONE
is passed to the LEDOUT signal
whenever full-duplex operation
on the AUI port is enabled (both
FDEN and AUIFD bits in BCR9
are set to ONE). When the GPSI
port is active, a value of ONE is
passed to the LEDOUT signal
whenever full-duplex operation
on the GPSI port is enabled
(FDEN
bit
in
BCR9
is
set
to ONE).
Read/Write accessible always.
FDLSE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set to ONE, the LED illu-
mination time is extended so that
brief occurrences of the enabled
function will be seen on this LED
output. A value of ZERO disables
the pulse stretcher.
Read/Write accessible always.
PSE is set to ONE by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
6
LNKSTE
Link Status Enable. When this bit
is set to ONE, a value of ONE will
be passed to the LEDOUT bit in
this register when the T-MAU op-
erating in half-duplex mode is in
Link
Pass
state.
When
the
T-MAU operating in half-duplex
mode is in Link Fail state, a value
of ZERO is passed to the
LEDOUT bit.
The function of this bit is masked
if the 10BASE-T port is operating
in full-duplex mode. This allows a
system to have separate LEDs
for half-duplex Link Status and
for full-duplex Link Status.
Read/Write accessible always.
LNKSTE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set to ONE, a
value of ONE is passed to the
LEDOUT bit in this register when
the there is receive activity on the
network that has passed the ad-
dress match function for this
node.
All
address
matching
modes are included: physical,
logical
filtering,
broadcast
and promiscuous.
Read/Write accessible always.
RCVME is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set to ONE, a value of
ONE is passed to the LEDOUT
bit in this register when there is
transmit activity on the network.
Read/Write accessible always.
XMTE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
3
RXPOLE
Receive Polarity Status Enable.
When this bit is set to ONE, a
value of ONE is passed to the
LEDOUT bit in this register when
the polarity of the RXD
± pair is
not reversed.
Receive polarity indication is
valid only if the T-MAU is in link
pass state.
Read/Write accessible always.
RXPOLE is set to ONE by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
2
RCVE
Receive Status Enable. When
this bit is set to ONE, a value of
ONE is passed to the LEDOUT
bit in this register when there is
receive activity on the network.
Read/Write accessible always.
RCVE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
1
JABE
Jabber status Enable. When this
bit is set to ONE, a value of
ONE is passed to the LEDOUT
bit in this register when the
PCnet-PCI II controller is jabber-
ing on the network.
Read/Write accessible always.
JABE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
0
COLE
Collision status Enable. When
this bit is set to ONE, a value of
ONE is passed to the LEDOUT
bit in this register when there is
collision activity on the network.
The activity on the collision in-
puts to the AUI or GPSI ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com