Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 152 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 152 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 148Page - Advanced Micro Devices AM79C970A Datasheet HTML 149Page - Advanced Micro Devices AM79C970A Datasheet HTML 150Page - Advanced Micro Devices AM79C970A Datasheet HTML 151Page - Advanced Micro Devices AM79C970A Datasheet HTML 152Page - Advanced Micro Devices AM79C970A Datasheet HTML 153Page - Advanced Micro Devices AM79C970A Datasheet HTML 154Page - Advanced Micro Devices AM79C970A Datasheet HTML 155Page - Advanced Micro Devices AM79C970A Datasheet HTML 156Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 219 page
background image
AMD
P R E L I M I N A R Y
152
Am79C970A
inputs to the AUI or GPSI ports
within the first 4
µs after every
transmission for the purpose of
SQE testing will not cause the
LEDOUT bit to be set.
Read/Write accessible always.
COLE is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
BCR9: Full-Duplex Control
Bit
Name
Description
Note that bits 15–0 in this register
are programmable through the
external EEPROM. Reserved
bits and read-only bits should be
programmed to ZERO.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–3
RES
Reserved locations. Written as
ZEROs and read as undefined.
2
FDRPAD
Full-Duplex Runt Packet Accept
Disable. When FDRPAD is set to
ONE and full-duplex mode is en-
abled, the PCnet-PCI II controller
will only receive frames that meet
the minimum Ethernet frame
length of 64 bytes. Receive DMA
will not start until at least 64 bytes
or a complete frame have been
received. By default, FDRPAD is
cleared to ZERO. The PCnet-
PCI II controller will accept any
length frame and receive DMA
will start according to the pro-
gramming of the receive FIFO
watermark.
Note
that
there
should not be any runt packets in
a full-duplex network, since the
main cause for runt packets is a
network collision and there are
no collisions in a full-duplex net-
work.
Read/Write accessible always.
FDRPAD
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
1
AUIFD
AUI full-duplex. AUIFD enables
full-duplex operation on the AUI
port. AUIFD is only meaningful if
FDEN (BCR9, bit 0) is set to
ONE. If the FDEN bit is ZERO,
the AUI port will always operate
in half-duplex mode. If FDEN is
set to ONE and AUIFD is set to
ONE, full-duplex operation on
the
AUI
port
is
enabled.
However, if FDEN is set to ONE
but the AUIFD bit is cleared to
ZERO, the AUI port will always
operate in half-duplex mode.
Read/Write accessible always.
AUIFD is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
0
FDEN
Full-duplex Enable. FDEN en-
ables
full-duplex
operation.
When FDEN is set to ONE, the
PCnet-PCI II controller will oper-
ate in full-duplex mode when
either the 10BASE-T or the GPSI
port is enabled. To enable full-
duplex operation on the AUI port,
the AUIFD bit (BCR9, bit1) must
be set to ONE in addition to set-
ting FDEN to ONE. When the
DLNKTST bit (CSR15, bit 12) is
set to ONE, the 10BASE-T port
will operate in half-duplex mode
regardless of the setting of
FDEN.
Effect on the
AUIFD
FDEN
Effect on the
10BASE-T
Effect on the
(bit 1)
(bit 0)
AUI Port
Port
GPSI Port
X
0
Half-Duplex
Half-Duplex
Half-Duplex
0
1
Half-Duplex
Full-Duplex
Full-Duplex
1
1
Full-Duplex
Full-Duplex
Full-Duplex
Read/Write accessible always.
FDEN is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
BCR16: I/O Base Address Lower
Bit
Name
Description
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–5 IOBASEL
Reserved
locations.
After
H_RESET, the value of these
bits
will
be
undefined.
The
settings of these bits will have
no effect on any PCnet-PCI II
controller function. It is only in-
cluded for software compatibility
with other PCnet family devices.
Read/Write accessible always.
IOBASEL is not affected by
S_RESET or by setting the
STOP bit.
4–0
RES
Reserved locations. Written as
ZEROs, read as undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com