Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 157 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 157 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 153Page - Advanced Micro Devices AM79C970A Datasheet HTML 154Page - Advanced Micro Devices AM79C970A Datasheet HTML 155Page - Advanced Micro Devices AM79C970A Datasheet HTML 156Page - Advanced Micro Devices AM79C970A Datasheet HTML 157Page - Advanced Micro Devices AM79C970A Datasheet HTML 158Page - Advanced Micro Devices AM79C970A Datasheet HTML 159Page - Advanced Micro Devices AM79C970A Datasheet HTML 160Page - Advanced Micro Devices AM79C970A Datasheet HTML 161Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 219 page
background image
P R E L I M I N A R Y
AMD
157
Am79C970A
Table 34. Microwire Interface Pin Assignment
PREAD or
Auto Read in
RST Pin
Progress
EEN
EECS
EESK
EEDI
High
X
X
Low
Tri-State
Tri-State
Low
1
X
Active
Active
Active
Low
0
1
BCR19[2]
BCR19[1]
BCR19[0]
Low
0
0
Low
LED1
LNKST
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
ESK is set to ONE by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
0
EDI/EDO
EEPROM
Data
In/EEPROM
Data Out. Data that is written to
this bit will appear on the EEDI
output of the Microwire interface,
except when the PREAD bit is set
to ONE or the EEN bit is cleared
to ZERO. Data that is read from
this bit reflects the value of
the
EEDO
input
of
the
Microwire interface.
EDI/EDO has no effect on the
EEDI pin unless the PREAD bit is
cleared to ZERO and the EEN bit
is set to ONE.
Read accessible always. Write
accessible only when either the
STOP or the SPND bit is set.
EDI/EDO is cleared to ZERO by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
BCR20: Software Style
Bit
Name
Description
This register is an alias of the lo-
cation CSR58. Accesses to/from
this register are equivalent to ac-
cesses to CSR58.
31–16
RES
Reserved locations. Written as
ZEROs and read as undefined.
15–11
RES
Reserved locations. Written as
ZEROs and read as undefined.
10
APERREN
Advanced Parity Error Handling
Enable. When APERREN is set
to ONE, the BPE bits (RMD1 and
TMD1, bit 23) are used to indi-
cated
parity
error
in
data
transfers to the receive and
transmit buffers. Note that since
the
advanced
parity
error
handling uses an additional bit in
the descriptor, SWSTYLE (bits
7–0 of this register) must be set
to ONE, TWO or THREE to pro-
gram the PCnet-PCI II controller
to use 32-bitsoftware structures.
APERREN does not affect the re-
porting of address parity errors or
data parity errors that occur
when the PCnet-PCI II controller
is the target of the transfer.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set.
APERREN
is
cleared
by
H_RESET and is not affected by
S_RESET or by setting the
STOP bit.
9
CSRPCNET
CSR PCnet-ISA configuration.
When set, this bit indicates that
the PCnet-PCI II controller regis-
ter bits of CSR4 and CSR3 will
map directly to the CSR4 and
CSR3 bits of the PCnet-ISA
(Am79C960)
device.
When
cleared, this bit indicates that
PCnet-PCI II controller register
bits of CSR4 and CSR3 will map
directly
to
the
CSR4
and
CSR3
bits
of
the
ILACC
(Am79C900) device.
The value of CSRPCNET is
determined by the PCnet-PCI II
controller
according
to
the
setting of the Software Style
(SWSTYLE,
bits
7–0
of
this register).
Read
accessible
always.
CSRPCNET is read only. Write
operations
will
be
ignored.
CSRPCNET will be set after
H_RESET (since SWSTYLE de-
faults to ZERO) and is not
affected by S_RESET or by set-
ting the STOP bit.
8
SSIZE32
32-Bit Software Size. When set,
this
bit
indicates
that
the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com