Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 161 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 161 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 157Page - Advanced Micro Devices AM79C970A Datasheet HTML 158Page - Advanced Micro Devices AM79C970A Datasheet HTML 159Page - Advanced Micro Devices AM79C970A Datasheet HTML 160Page - Advanced Micro Devices AM79C970A Datasheet HTML 161Page - Advanced Micro Devices AM79C970A Datasheet HTML 162Page - Advanced Micro Devices AM79C970A Datasheet HTML 163Page - Advanced Micro Devices AM79C970A Datasheet HTML 164Page - Advanced Micro Devices AM79C970A Datasheet HTML 165Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 219 page
background image
P R E L I M I N A R Y
AMD
161
Am79C970A
4 bits wide. The values in these fields determine the
number of transmit and receive Descriptor Ring Entries
(DRE) which are used in the descriptor rings. Their
meaning is as follows:
Table 39. R/TLEN Decoding (SSIZE32 = 1)
R/TLEN
No. of DREs
0000
1
0001
2
0010
4
0011
8
0100
16
0101
32
0110
64
0111
128
1000
256
1001
512
11XX
512
1X1X
512
If a value other than those listed in the above table is de-
sired, CSR76 and CSR78 can be written after initializa-
tion is complete.
RDRA and TDRA
TDRA and RDRA indicate where the transmit and re-
ceive descriptor rings begin. Each DRE must be located
at a16-byte address boundary when SSIZE32 is set to
ONE (BCR20, bit 8). Each DRE must be located at an
8-byte address boundary when SSIZE32 is set to ZERO
(BCR20, bit 8).
LADRF
The Logical Address Filter (LADRF) is a 64-bit mask that
is used to accept incoming Logical Addresses. If the first
bit in the incoming address (as transmitted on the wire)
is a ONE, it indicates a logical address. If the first bit is a
ZERO, it is a physical address and is compared against
the physical address that was loaded through the
initialization block.
4
1
CRC
GEN
SEL
31
26
MUX
63
0
64
MATCH = 1 Packet Accepted
MATCH = 0 Packet Rejected
MATCH
Logical
Address Filter
(LADRF)
0
6
32-Bit Resultant CRC
1
0
Received Message
Destination Address
19436A-48
Figure 2. Address Match Logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com