Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 164 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 164 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 160Page - Advanced Micro Devices AM79C970A Datasheet HTML 161Page - Advanced Micro Devices AM79C970A Datasheet HTML 162Page - Advanced Micro Devices AM79C970A Datasheet HTML 163Page - Advanced Micro Devices AM79C970A Datasheet HTML 164Page - Advanced Micro Devices AM79C970A Datasheet HTML 165Page - Advanced Micro Devices AM79C970A Datasheet HTML 166Page - Advanced Micro Devices AM79C970A Datasheet HTML 167Page - Advanced Micro Devices AM79C970A Datasheet HTML 168Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 219 page
background image
AMD
P R E L I M I N A R Y
164
Am79C970A
set the PCnet-PCI II controller
and cleared by the host.
This bit does not exist, when the
PCnet-PCI II controller is pro-
grammed to use 16-bit software
structures for the descriptor ring
entries
(BCR20,
bits
7–0,
SWSTYLE is cleared to ZERO).
22
PAM
Physical Address Match is set by
the PCnet-PCI II controller when
it accepts the received frame due
to
a
match
of
the
frame’s
destination address with the con-
tent of the physical address
register. PAM is valid only when
ENP is set. PAM is set by the
PCnet-PCI
II
controller
and
cleared by the host.
This bit does not exist when the
PCnet-PCI II controller is pro-
grammed to use 16-bit software
structures for the descriptor ring
entries
(BCR20,
bits
7–0,
SWSTYLE is cleared to ZERO).
21
LAFM
Logical Address Filter Match is
set by the PCnet-PCI II controller
when it accepts the received
frame based on the value in the
logical address filter register.
LAFM is valid only when ENP
is
set.
LAFM
is
set
by
the PCnet-PCI II controller and
cleared by the host.
Note that if DRCVBC (CSR15, bit
14) is cleared to ZERO, only
BAM, but not LAFM will be set
when a Broadcast frame is re-
ceived, even if the Logical Ad-
dress Filter is programmed in
such a way that a Broadcast
frame would pass the hash filter.
If DRCVBC is set to ONE and
the Logical Address Filter is
programmed in such a way that a
Broadcast frame would pass
the hash filter, LAFM will be
set
on
the
reception
of
a
Broadcast frame.
This bit does not exist when the
PCnet-PCI II controller is pro-
grammed to use 16-bit software
structures for the descriptor ring
entries
(BCR20,
bits
7–0,
SWSTYLE is cleared to ZERO).
20
BAM
Broadcast Address Match is set
by the PCnet-PCI II controller
when it accepts the received
frame because the frame’s desti-
nation address is of the type
“Broadcast”. BAM is valid only
when ENP is set. BAM is set by
the PCnet-PCI II controller and
cleared by the host.
This bit does not exist when the
PCnet-PCI II controller is pro-
grammed to use 16-bit software
structures for the descriptor ring
entries
(BCR20,
bits
7–0,
SWSTYLE is cleared to ZERO).
19–16
RES
Reserved
locations.
These
locations should be read and
written as ZEROs.
15–12 ONES
These four bits must be written
as ONEs. They are written by the
host and unchanged by the
PCnet-PCI II controller.
11–00 BCNT
Buffer Byte Count is the length of
the buffer pointed to by this de-
scriptor, expressed as the two’s
complement of the length of the
buffer. This field is written by the
host and unchanged by the
PCnet-PCI II controller.
RMD2
Bit
Name
Description
31–24
RCC
Receive Collision Count. Indi-
cates the accumulated number of
collisions detected on the net-
work since the last packet was
received,
excluding
collisions
that occurred during transmis-
sions
from
this
node.
The
PCnet-PCI II controller imple-
mentation of this counter may not
be compatible with the ILACC
RCC definition. If network statis-
tics are to be monitored, then
CSR114 should be used for the
purpose of monitoring receive
collisions instead of these bits.
23–16
RPC
Runt Packet Count. Indicates the
accumulated number of runts
that were addressed to this node
since the last time that a receive
packet
was
successfully
re-
ceived and its corresponding
RMD2 ring entry was written to
by the PCnet-PCI II controller. In
order to be included in the RPC
value, a runt must be long
enough to meet the minimum re-
quirement of the internal address
matching logic. The minimum re-
quirement for a runt to pass the
internal
address
matching
mechanism is: 18 bits of valid



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com