Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 167 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 167 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 163Page - Advanced Micro Devices AM79C970A Datasheet HTML 164Page - Advanced Micro Devices AM79C970A Datasheet HTML 165Page - Advanced Micro Devices AM79C970A Datasheet HTML 166Page - Advanced Micro Devices AM79C970A Datasheet HTML 167Page - Advanced Micro Devices AM79C970A Datasheet HTML 168Page - Advanced Micro Devices AM79C970A Datasheet HTML 169Page - Advanced Micro Devices AM79C970A Datasheet HTML 170Page - Advanced Micro Devices AM79C970A Datasheet HTML 171Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 219 page
background image
P R E L I M I N A R Y
AMD
167
Am79C970A
LCOL is set. The value of the
ONE
bit
is
written
by
the
PCnet-PCI II controller. This bit
has meaning only if the ENP bit
is set.
26
DEF
Deferred
indicates
that
the
PCnet-PCI II controller had to
defer while trying to transmit a
frame. This condition occurs if
the channel is busy when the
PCnet-PCI II controller is ready
to transmit. DEF is set by
the PCnet-PCI II controller and
cleared by the host.
25
STP
Start of Packet indicates that
this is the first buffer to be used
by the PCnet-PCI II controller
for this frame. It is used for data
chaining buffers. The STP bit
must be set in the first buffer of
the frame, or the PCnet-PCI II
controller will skip over the
descriptor and poll the next de-
scriptor(s) until the OWN and
STP bits are set. STP is set by
the host and is not changed by
the PCnet-PCI II controller.
24
ENP
End of Packet indicates that this
is the last buffer to be used by the
PCnet-PCI II controller for this
frame. It is used for data chaining
buffers. If both STP and ENP
are set, the frame fits into one
buffer and there is no data
chaining. ENP is set by the host
and is not changed by the
PCnet-PCI II controller.
23
BPE
Bus Parity Error is set by the
PCnet-PCI II controller when a
parity error occurred on the bus
interface during a data transfers
from the transmit buffer associ-
ated with this descriptor. The
PCnet-PCI II controller will only
set BPE when the advanced par-
ity error handling is enabled by
setting APERREN (BCR20, bit
10) to ONE. BPE is set by the
PCnet-PCI
II
controller
and
cleared by the host.
This bit does not exist, when the
PCnet-PCI II controller is pro-
grammed to use 16-bit software
structures
for
the
descriptor
ring entries (BCR20, bits 7–0,
SWSTYLE is cleared to ZERO).
22–16
RES
Reserved locations.
15–12 ONES
These four bits must be written
as ONEs. This field is written by
the host and unchanged by the
PCnet-PCI II controller.
11–00 BCNT
Buffer Byte Count is the usable
length of the buffer pointed to by
this descriptor, expressed as the
two’s complement of the length
of
the
buffer.
This
is
the
number of bytes from this buffer
that will be transmitted by the
PCnet-PCI II controller. This field
is written by the host and is not
changed by the PCnet-PCI II
controller. There are no minimum
buffer size restrictions.
TMD2
Bit
Name
Description
31
BUFF
Buffer
error
is
set
by
the
PCnet-PCI
II
controller
during transmission when the
PCnet-PCI II controller does not
find the ENP flag in the current
descriptor and does not own the
next descriptor. This can occur in
either of two ways:
1. The OWN bit of the next de-
scriptor is ZERO.
2. FIFO underflow occurred be-
fore
the PCnet-PCI II con-
troller obtained the STATUS
byte (TMD1[31:24]) of the
next descriptor. BUFF is set
by the PCnet-PCI II controller
and cleared by the host.
If a Buffer Error occurs, an Un-
derflow Error will also occur.
BUFF is not valid when LCOL or
RTRY error is set during transmit
data chaining. BUFF is set by
the PCnet-PCI II controller and
cleared by the host.
30
UFLO
Underflow error indicates that the
transmitter has truncated a mes-
sage because it could not read
data from memory fast enough.
UFLO indicates that the FIFO
has emptied before the end of the
frame was reached.
When DXSUFLO (CSR3, bit 6) is
cleared to ZERO, the transmitter
is turned off when an UFLO error
occurs (CSR0, TXON = 0).
When DXSUFLO is set to ONE,
the
PCnet-PCI
II
controller
gracefully
recovers
from
an
UFLO error. It scans the transmit
descriptor ring until it finds the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com