Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 169 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 169 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 165Page - Advanced Micro Devices AM79C970A Datasheet HTML 166Page - Advanced Micro Devices AM79C970A Datasheet HTML 167Page - Advanced Micro Devices AM79C970A Datasheet HTML 168Page - Advanced Micro Devices AM79C970A Datasheet HTML 169Page - Advanced Micro Devices AM79C970A Datasheet HTML 170Page - Advanced Micro Devices AM79C970A Datasheet HTML 171Page - Advanced Micro Devices AM79C970A Datasheet HTML 172Page - Advanced Micro Devices AM79C970A Datasheet HTML 173Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 219 page
background image
P R E L I M I N A R Y
AMD
169
Am79C970A
REGISTER SUMMARY
PCI Configuration Registers
Offset
Name
Width in Bit
Access Mode
Default Value
00h
PCI Vendor ID
16
RO
1022h
02h
PCI Device ID
16
RO
2000h
04h
PCI Command
16
RW
0000h
06h
PCI Status
16
RW
0280h
08h
PCI Revision ID
8
RO
1xh
09h
PCI Programming IF
8
RO
00h
0Ah
PCI Sub-Class
8
RO
00h
0Bh
PCI Base-Class
8
RO
02h
0Ch
Reserved
8
RO
00h
0Dh
PCI Latency Timer
8
RO
00h
0Eh
PCI Header Type
8
RO
00h
0Fh
Reserved
8
RO
00h
10h
PCI I/O Base Address
32
RW
0000 0001h
14h
PCI Memory Mapped I/O
32
RW
0000 0000h
Base Address
18h–2Fh
Reserved
8
RO
00h
30h
PCI Expansion ROM
8
RO
0000 0000h
Base Address
34–3Bhh
Reserved
8
RO
00h
3Ch
PCI Interrupt Line
8
RW
00h
3Dh
PCI Interrupt Pin
8
RO
01h
3Eh
PCI MIN_GNT
8
RO
06h
3Fh
PCI MAX_LAT
8
RO
FFh
40h–FFh
Reserved
8
RO
00h
Note: RO = read only, RW = read/write, x = silicon-revision dependent



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com