Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 173 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 173 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 169Page - Advanced Micro Devices AM79C970A Datasheet HTML 170Page - Advanced Micro Devices AM79C970A Datasheet HTML 171Page - Advanced Micro Devices AM79C970A Datasheet HTML 172Page - Advanced Micro Devices AM79C970A Datasheet HTML 173Page - Advanced Micro Devices AM79C970A Datasheet HTML 174Page - Advanced Micro Devices AM79C970A Datasheet HTML 175Page - Advanced Micro Devices AM79C970A Datasheet HTML 176Page - Advanced Micro Devices AM79C970A Datasheet HTML 177Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 219 page
background image
P R E L I M I N A R Y
AMD
173
Am79C970A
BUS CONFIGURATION REGISTERS
BCR
MNEMONIC
Default
Description
User
EEPROM
0
MSRDA
0005h
Reserved
No
No
1
MSWRA
0005h
Reserved
No
No
2
MC
0002h
Miscellaneous Configuration
Yes
Yes
3
Reserved
N/A
Reserved
No
No
4
LNKST
00C0h
Link Status LED
Yes
No
5
LED1
0084h
LED1 Status
Yes
No
6
LED2
0088h
LED2 Status
Yes
No
7
LED3
0090h
LED3 Status
Yes
No
8
Reserved
N/A
Reserved
No
No
9
FDC
0000h
Full-Duplex Control
Yes
Yes
10–15
Reserved
N/A
Reserved
No
No
16
IOBASEL
N/A
Reserved
Yes
Yes
17
IOBASEU
N/A
Reserved
Yes
Yes
18
BSBC
9001h
Burst Size and Bus Control
Yes
Yes
19
EECAS
0002h
EEPROM Control and Status
Yes
No
20
SWS
0200h
Software Style
Yes
No
21
INTCON
N/A
Reserved
Yes
Yes
22
PCILAT
FF06h
PCI Latency
Yes
Yes
Programmability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com