Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C970A Datasheet(PDF) 174 Page - Advanced Micro Devices

Part # AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Datasheet(HTML) 174 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 170Page - Advanced Micro Devices AM79C970A Datasheet HTML 171Page - Advanced Micro Devices AM79C970A Datasheet HTML 172Page - Advanced Micro Devices AM79C970A Datasheet HTML 173Page - Advanced Micro Devices AM79C970A Datasheet HTML 174Page - Advanced Micro Devices AM79C970A Datasheet HTML 175Page - Advanced Micro Devices AM79C970A Datasheet HTML 176Page - Advanced Micro Devices AM79C970A Datasheet HTML 177Page - Advanced Micro Devices AM79C970A Datasheet HTML 178Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 219 page
background image
AMD
P R E L I M I N A R Y
174
Am79C970A
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature Under Bias
–65
°C to +125°C
. .
Supply Voltage to AVSS or VSSB
(AVDD, VDD, VDDB)
0.3 V to +6.0 V
. . . . . . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality at
or above these limits is not implied. Exposure to Absolute
Maximum
Ratings
for
extended
periods
may
affect
device reliability.
OPERATING RANGES
Commercial (C) Devices
Temperature (TA)0
°C to + 70°C
. . . . . . . . . . . . . . . . .
Supply Voltages
(AVDD, VDD)
+5V
± 5%
. . . . . . . . . . . . . . . . . . . . . . . . .
(VDDB for 5 V Signaling)
+5V
± 5%
. . . . . . . . . . . . . . .
(VDDB for 3.3 V Signaling)
+ 3.3 V
± 10%
. . . . . . . . . . .
All inputs within the range:
AVSS – 0.5 V
≤ V
IN
≤
. . . . .
AVDD + 0.5 V, or
VSS – 0.5 V
≤ V
IN
≤ V
DD
+ 0.5 V, or
VSSB – 0.5 < VIN < VDDB + 0.5V
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
Digital Input Voltage for 5 V Signaling
VIL
Input LOW Voltage
0.8
V
VIH
Input HIGH Voltage
2.0
V
Digital Output Voltage for 5 V Signaling
VOL
Output LOW Voltage
IOL1 = 3 mA
0.45
V
IOL2 = 6 mA
IOL3 = 12 mA (Note 1)
VOH
Output HIGH Voltage (Note 2)
IOH = –2 mA (Note 3)
2.4
V
Digital Input Leakage Current for 5 V Signaling
IIX
Input Low Leakage Current (Note 4)
VIN = 0 V, VDD = VDDB = 5 V
–10
10
µA
Digital Output Leakage Current for 5 V Signaling
IOZL
Output Low Leakage Current (Note 5)
VOUT = 0.4V
–10
µA
IOZH
Output High Leakage Current (Note 5)
VOUT = VDD, VDDB
10
µA
Digital Input Voltage for 3.3 V Signaling
VIL
Input LOW Voltage
–0.5
0.325
V
VDDB
VIH
Input HIGH Voltage
0.475
VDDB
V
VDDB
+ 0.5
Digital Output Voltage for 3.3 V Signaling
VOL
Output LOW Voltage
IOL = 1.5 mA
0.1 VDDB
V
VOH
Output HIGH Voltage (Note 2)
IOH = –0.5 mA
0.9 VDDB
V
Digital Input Leakage Current for 3.3 V Signaling
IIX
Input Low Leakage Current
VIN = 0 V, VDD = VDDB = 3.3 V
–10
10
µA
(Note 4)
Digital Output Leakage Current for 3.3 V Signaling
IOZL
Output Low Leakage Current (Note 5)
VOUT = 0.4V
–10
µA
IOZH
Output High Leakage Current (Note 5)
VOUT = VDD, VDDB
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com